Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC970 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC970
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC970 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC970 Datasheet HTML 2Page - Motorola, Inc MPC970 Datasheet HTML 3Page - Motorola, Inc MPC970 Datasheet HTML 4Page - Motorola, Inc MPC970 Datasheet HTML 5Page - Motorola, Inc MPC970 Datasheet HTML 6Page - Motorola, Inc MPC970 Datasheet HTML 7Page - Motorola, Inc MPC970 Datasheet HTML 8Page - Motorola, Inc MPC970 Datasheet HTML 9Page - Motorola, Inc MPC970 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MPC970
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
6
AC CHARACTERISTICS (TA = 0 to 70°C)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
fXtal
Crystal Oscillator Frequency
10
25
MHz
Note 3.
Fout
Maximum 2x_PCLK Output Frequency
200
MHz
Note 4.
tDC
Output Duty Cycle (Notes 4., 5.)
45
35
55
65
%
Fout < 200MHz
Fout ≥ 200MHz
VOHAC
AC Output HIGH Voltage
2.4
2.2
V
Fout < 200MHz
Fout ≥ 200MHz
VOLAC
AC Output LOW Voltage
0.4
0.6
V
Fout < 200MHz
Fout ≥ 200MHz
tpw
2x_PCLK Pulse Width (Notes 4., 5.)
1.75
2.27
ns
Fout = 200MHz
tper
Minimum Clock Out Period
4.85
4.91
ns
Fout = 200MHz
fVCO
VCO Lock Range
200
700
MHz
tjitter
Output Jitter (Notes 4., 5.)
±50
110
76
±100
190
210
ps
PLL Jitter
2x_P Period Variation
Period Variation (Other)
tskew
Output–to–Output Skew (Notes 4., 5.)
2x_PCLCK, PCLKEN, BCLKEN, BCLK
2x_PCLK, PCLKEN, BCLK
PCI_CLK
BCLK
All
550
550
450
550
800
ps
MPC601_Clks = ‘0’
MPC601_Clks = ‘1’
tdelay
Propagation Delay
2x_PCLK to BCLKEN
100
850
ps
MPC601_Clks = ‘1’
tr, tf
Output Rise/Fall Time (Notes 4., 5.)
0.15
1.5
ns
0.8 to 2.0V
tlock
PLL Lock Time
10
ms
tPZL
Output Enable Time
MR/Tristate to Outputs
8
ns
tPHZ, tPLZ
Output Disable Time
MR/Tristate to Outputs
10
ns
fMAX
Maximum Frz_Clk Frequency
20
MHz
ts
Setup Time
Frz_Data to Frz_Clk
Com_Frz to Frz_Strobe
8
5
th
Hold Time
Frz_Clk to Frz_Data
Frz_Strobe to Com_Frz
8
5
3. See Applications Info section for more crystal information.
4. Drive 50
Ω transmission lines.
5. Measured at 1.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com