Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC970 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC970
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC970 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC970 Datasheet HTML 1Page - Motorola, Inc MPC970 Datasheet HTML 2Page - Motorola, Inc MPC970 Datasheet HTML 3Page - Motorola, Inc MPC970 Datasheet HTML 4Page - Motorola, Inc MPC970 Datasheet HTML 5Page - Motorola, Inc MPC970 Datasheet HTML 6Page - Motorola, Inc MPC970 Datasheet HTML 7Page - Motorola, Inc MPC970 Datasheet HTML 8Page - Motorola, Inc MPC970 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPC970
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
2
xtal1
xtal2
Ref_Sel
TClk
PLL_En
VCO_Sel
Ext_FB
IntFB_Sel
MPC601_CLKs
BClk_Div0
BClk_Div1
PCI_Div0
PCI_Div1
Frz_Data
Frz_Clk
Frz_Strobe
Com_Frz
MR/Tristate
PLL
Freeze
Control
Register
Clock,
De–Skew,
Freeze
3–State
Drivers
2x_PCLK
PCLKEN
BCLKEN
BCLK0
BCLK1
BCLK2
BCLK3
BCLK4
PCI_CLK0
PCI_CLK1
PCI_CLK2
PCI_CLK3
PCI_CLK4
PCI_CLK5
PCI_CLK6
Clock
Dividers
Figure 1. Enable/Disable Scheme
The MPC970 offers a very flexible output enable/disable scheme. This enable/disable scheme helps facilitate system debug
as well as provide unique opportunities for system power down schemes to meet the requirements of “green” class machines.
The MPC970 allows for the enabling of each output independently via a serial input port or a common enable/disable of all
outputs simultaneously via a parallel control pin. When disabled or “frozen” the outputs will be locked in the “LOW” state, however
the internal state machines will continue to run. Therefore when “unfrozen” the outputs will activate synchronous and in phase
with those outputs which were not frozen. The freezing and unfreezing of outputs occurs only when they are already in the “LOW”
state, thus the possibility of runt pulse generation is eliminated. A power–on reset will ensure that upon power up all of the outputs
will be active.
For IC and board level testing a MR/Tristate input is provided. When pulled “LOW” all outputs will tristate and all internal flip
flops will be reset. In addition the internal PLL can be bypassed and the fanout dividers and output buffers can be driven directly
by the TClk input pin. Note that in this mode it will take a number of input clock pulses to cause output transitions as the TClk is
fed through the internal dividers.
The MPC970 is fully 3.3V (3.6V for PowerPC 601 designs) compatible and requires no external loop filter components. All
inputs accept LVCMOS/LVTTL compatible levels while the outputs provide LVCMOS levels with the capability to drive 50
Ω
transmission lines. For series terminated lines each MPC970 output can drive two 50
Ω lines in parallel thus effectively doubling
the fanout of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com