Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC970 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC970
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC970 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC970 Datasheet HTML 8Page - Motorola, Inc MPC970 Datasheet HTML 9Page - Motorola, Inc MPC970 Datasheet HTML 10Page - Motorola, Inc MPC970 Datasheet HTML 11Page - Motorola, Inc MPC970 Datasheet HTML 12Page - Motorola, Inc MPC970 Datasheet HTML 13Page - Motorola, Inc MPC970 Datasheet HTML 14Page - Motorola, Inc MPC970 Datasheet HTML 15Page - Motorola, Inc MPC970 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MPC970
TIMING SOLUTIONS
BR1333 — Rev 6
13
MOTOROLA
should an error occur in the loading of the Serial Input
Register. The user may programmably freeze an output clock
by writing logic ‘0’ to the respective freeze enable bit.
Likewise, the user may programmably unfreeze an output
clock by writing logic ‘1’ to the respective enable bit.
The second freeze mechanism allows all 15 clocks to be
frozen simultaneously by placing a logic ‘0’ on the Com_Frz
input and then issuing a low going pulse on the Frz_Strobe
input. Likewise, all 15 clocks can be simultaneously unfrozen
by placing logic ‘1’ on the Com_Frz input and then issuing a
low–going pulse on the Frz_Strobe input. Note that all 15
clocks are affected by the Frz_Strobe freeze logic.
The freeze logic will never force a newly–frozen clock to a
logic ‘0’ state before the time at which it would normally
transition there. The logic simply keeps the frozen clock at
logic ‘0’ once it is there. Likewise, the freeze logic will never
force a newly–unfrozen clock to a logic ‘1’ state before the
time at which it would normally transition there. The logic
re–enables the unfrozen clock during the time when the
respective clock would normally be in a logic ‘0’ state,
eliminating the possibility of ‘runt’ clock pulses.
The user may write to the Serial Input register through the
Frz_Data input by supplying a logic ‘0’ start bit followed
serially by 13 NRZ freeze enable bits. After the 13th freeze
enable bit the Frz_Data signal must be left in (or returned to)
a logic ‘1’ state (Figure 12). The period of each Frz_Data bit
equals the period of the free–running Frz_Clk signal. The
Frz_Data serial transmission should be timed so the
MPC970 can sample each Frz_Data bit with the rising edge
of the free–running Frz_Clk signal.
Figure 12. Freeze Data Input Protocol
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11
D0
Start
Bit
D12
D0 is the control bit for 2x_PCLK
D1 is the control bit for PCLKEN
D2 is the control bit for BCLKEN
D3–D6 are the control bits for BCLK1–BCLK4
D7–D12 are the control bits for PCI_CLK1–PCI_CLK6
The user can combine the two freeze capabilities to
simplify system level implementation. The serial input port
can be used to establish the freeze mask to disable the
appropriate outputs. The Frz_Strobe input can then be used
to unfreeze the outputs without having to serially load an “all
unfrozen” freeze mask.
Driving the PowerPC 601 Microprocessor
The MPC601 processor requires three clock inputs from
the MPC970 clock driver. A 2x_PCLK input at twice the
internal MPC 601 clock rate and the PCLKEN and BCLKEN
signals used to mask internal clock edges. The PCLKEN
signal always runs at one half the 2x_PCLK signal while the
BCLKEN signal can run at 1x, 1/2x, 1/3x or 1/4x the PCLK
input signal depending on the speed of the processor bus.
When the BCLKEN signal is running at 1/3 or 1/4 the PCLK
input the input duty cycle must be 66/33 and 75/25
respectively. In addition, as shown in Figure 13, to satisfy the
BCLKEN to 2x_PCLK Hold specification the BCLKEN signal
must be at least coincident with the 2x_PCLK edge. To
simplify board level implementation it would be desirable that
the BCLKEN signal actually lag the 2x_PCLK by a few
hundred picoseconds. The MPC970 insures that its BCLKEN
output always lags the 2x_PCLK input by at least 300ps.
Figure 13. MPC601 Setup and Hold Times
2x_PCLK
PCLKEN
BCLKEN
ts th
ts th
Table 4 illustrates some typical MPC 601 system
frequencies which can be realized using the MPC970 clock
driver.
Table 4. Common MPC601 System Frequencies
2x_PCLK
PCLK
BCLK
PCI_CLK
240
120
60(1/2x)
30(1/2x)
240
120
40(1/3x)
20(1/2x)
240
120
30(1/4x)
30(1x)
200
100
50(1/2x)
25(1/2x)
200
100
33(1/3x)
33(1x)
200
100
25(1/4x)
25(1x)
160
80
40(1/2x)
20(1/2x)
160
80
20(1/4x)
20(1x)
132
66
66(1x)
33(1/2x)
132
66
33(1/2x)
33(1x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com