Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC970 Datasheet(PDF) 14 Page - Motorola, Inc

Part # MPC970
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC970 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MPC970 Datasheet HTML 8Page - Motorola, Inc MPC970 Datasheet HTML 9Page - Motorola, Inc MPC970 Datasheet HTML 10Page - Motorola, Inc MPC970 Datasheet HTML 11Page - Motorola, Inc MPC970 Datasheet HTML 12Page - Motorola, Inc MPC970 Datasheet HTML 13Page - Motorola, Inc MPC970 Datasheet HTML 14Page - Motorola, Inc MPC970 Datasheet HTML 15Page - Motorola, Inc MPC970 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MPC970
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
14
Driving the PowerPC 603, PowerPC 604 and Pentium
Microprocessors
The PowerPC 603, PowerPC 604 and Pentium
processors differ from the MPC 601 processor in that the
processor input clocks are at the same frequency as the
processor bus. A typical system for these processors will
include 8 – 16 clock loads on the processor bus. When the
MPC970 is taken out of the MPC601_Clk mode there are a
total of 8 “non PCI_CLK” outputs which can be run at the
processor bus speeds for these microprocessors. Since
each output can drive two series terminated transmission
lines the MPC970 can support point to point clock distribution
for up to 16 loads on the processor bus. In addition there will
be 7 PCI_CLK outputs which can drive up to 14 loads on the
PCI bus.
If more clock loads are present on the processor bus the
PCI_CLKs can be configured to drive processor bus clock
loads in addition to the BCLKs or alternatively the clocking
roles of the BCLKs and PCI_CLKs can be reversed. Table 3
illustrates some useful frequency combinations for driving
PowerPC 603, PowerPC 604 or Pentium microprocessor
based systems.
Table Table 5. Common PowerPC 603, PowerPC 604
and Pentium System Frequencies
2x_PCLK
PCLK
BCLK
PCI_CLK
80
80
80(1x)
26(1/3x)
75
75
75(1x)
25(1/3x)
66
66
66(1x)
33(1/2x)
66
66
66(1x)
66(1x)
66
66
33(1/2x)
66(PCLKEN)
60
60
60(1x)
30(1/2x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com