Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC970 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC970
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC970 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC970 Datasheet HTML 1Page - Motorola, Inc MPC970 Datasheet HTML 2Page - Motorola, Inc MPC970 Datasheet HTML 3Page - Motorola, Inc MPC970 Datasheet HTML 4Page - Motorola, Inc MPC970 Datasheet HTML 5Page - Motorola, Inc MPC970 Datasheet HTML 6Page - Motorola, Inc MPC970 Datasheet HTML 7Page - Motorola, Inc MPC970 Datasheet HTML 8Page - Motorola, Inc MPC970 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 2
© Motorola, Inc. 1997
1/97
Not Recommended for New Designs
See MPC972 or MPC974
Low Voltage PLL Clock Driver
The MPC970 is a 3.3V compatible, PLL based clock driver devices
targeted for high performance RISC or CISC processor based systems.
• Fully Integrated PLL
• Output Frequency Up to 250MHz
• Compatible with PowerPC™ and Pentium™ Processors
• Output Frequency Configuration
• On–Board Crystal Oscillator
• 52–Lead TQFP Packaging
• ±50ps Typical Cycle–to–Cycle Jitter
The MPC970 was designed specifically to drive today’s PowerPC 601
and Pentium processors while providing the necessary performance to
address higher frequency PowerPC 601 as well as PowerPC 603 and
PowerPC 604 applications. The 2x_PCLK output can toggle at up to
250MHz while the remaining outputs can be configured to drive the other
system clocks for MPC 601 based systems. As the processor based
clock speeds increase the processor bus will likely run at one third or
even one fourth the processor clock. The MPC970 supports the
necessary waveforms to drive the BCLKEN input signal of the MPC 601
when the processor bus is running at a lower frequency than the
processor. The MPC970 uses an advanced PLL design which minimizes
the jitter generated on the outputs. The jitter specification is well within the
requirements of the Pentium processor and meets the stringent
preliminary specifications of the PowerPC 603 and PowerPC 604
processors. The application section of this data sheet deals in more detail
with driving PowerPC and Pentium processor based systems.
The external feedback option of the MPC970 provides for a near zero delay between the reference clock input and the outputs
of the device. This feature is required in applications where a master clock is being picked up off the backplane and regenerated
and distributed on a daughter card. The advanced PLL of the MPC970 eliminates the dead zone of the phase detector and
minimizes the jitter of the PLL so that the phase error variation is held to a minimum. This phase error uncertainty makes up a
major portion of the part–to–part skew of the device.
For single clock driver applications the MPC970 provides an internal oscillator and internal feedback to simplify board layout
and minimize system cost. By using the on–board crystal oscillator the MPC970 acts as both the clock generator and distribution
chip. The external component is a relatively inexpensive crystal rather than a more expensive oscillator. Since in single board
applications the delay between the input reference and the outputs is inconsequential an internal feedback option is offered. The
internal feedback simplifies board design in that the system designer need not worry about noise being coupled into the feedback
line due to board parasitics and layout. The internal feedback is a fixed divide by 32 of the VCO. This divide ratio ensures that the
input crystals will be
≤20MHz, thus keeping the crystal costs down and ensuring availability from multiple vendors.
PowerPC is a trademark of International Business Machines Corporation. Pentium is a trademark of Intel Corporation.
MPC970
LOW VOLTAGE
PLL CLOCK DRIVER
FA SUFFIX
52–LEAD TQFP PACKAGE
CASE 848D–03


Similar Part No. - MPC970

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC972 MOTOROLA-MPC972 Datasheet
186Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC973 MOTOROLA-MPC973 Datasheet
186Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
logo
Integrated Device Techn...
MPC9772 IDT-MPC9772 Datasheet
442Kb / 17P
3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
More results

Similar Description - MPC970

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com