Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25620 Datasheet(PDF) 10 Page - EPCOS

Part # B25620
Description  Film Capacitors ??Power Electronic Capacitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620 Datasheet(HTML) 10 Page - EPCOS

Back Button B25620 Datasheet HTML 6Page - EPCOS B25620 Datasheet HTML 7Page - EPCOS B25620 Datasheet HTML 8Page - EPCOS B25620 Datasheet HTML 9Page - EPCOS B25620 Datasheet HTML 10Page - EPCOS B25620 Datasheet HTML 11Page - EPCOS B25620 Datasheet HTML 12Page - EPCOS B25620 Datasheet HTML 13Page - EPCOS B25620 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 10 of 20
Important notes at the end of this document.
VR = 1200 V DC / VTT = 1800 V DC, 10s / VTC = 4000 V AC, 10s
CR
µF
IMAX
1
A
Is
kA
Î
kA
RS
m
Ω
Lself
nH
RTH
K/W
D
mm
H
mm
Weight
kg
Fig. Ordering code
220
50
8.6
2.9
1.9
≤ 40
3.7
90
95
0.73
3
B25623B1227K204
300
50
8.5
2.8
2.4
≤ 40
3.0
90
120
0.9
3
B25623B1307K204
340
50
8.5
2.8
2.6
≤ 40
2.7
90
132
1
3
B25623B1347K204
360
70
15.223 5.074
1.341
≤ 40
2.9
116
95
1.13
4
B25620B1367K203
440
52
17.1
5.7
0.8
≤ 60
2.1
90
173
1.3
3
B25623B1447K204
500
75
15.379 5.126
1.614
≤ 40
2.29
116
120
1.4
4
B25620B1507K203
550
80
16.917 5.639
0.987
≤ 90
1.59
90
223
1.4
3
B25623B1557K204
570
75
15.429 5.143
1.751
≤ 40
2.07
116
133
1.55
4
B25620B1577K203
730
80
30.869 10.29
0.69
≤ 60
1.59
116
173
2.05
4
B25620B1737K203
1000
80
30.758 10.253 0.807
≤ 90
1.23
116
223
2.56
4
B25620B1108K203
VR = 1320 V DC / VTT = 1980 V DC, 10s / VTC = 4000 V AC, 10s
CR
µF
IMAX
1
A
Is
kA
Î
kA
RS
m
Ω
Lself
nH
RTH
K/W
D
mm
H
mm
Weight
kg
Fig.
Ordering code
190
51
8.1
2.7
1.9
≤ 40
3.7
90
95
0.73
3
B25623B1197K304
220
45
7.4
2.5
2.6
≤ 40
3.1
85
120
0.71
1
B25620B1227K321
220
45
7.4
2.5
2.6
≤ 40
3.1
85
123
0.73
2
B25620C1227K321
250
51
7.7
2.6
2.5
≤ 40
3.0
90
120
0.9
3
B25623B1257K304
260
45
7.6
2.6
2.7
≤ 40
2.8
85
132
0.87
1
B25620B1267K321
260
45
7.6
2.6
2.7
≤ 40
2.8
85
135
0.9
2
B25620C1267K321
290
52
7.9
2.6
2.7
≤ 40
2.7
90
132
1
3
B25623B1297K304
310
65
14.3
4.8
1.4
≤ 40
2.9
116
95
1.13
4
B25620B1317K323
330
52
7.9
2.6
3.0
≤ 60
2.4
90
145
1.2
3
B25623B1337K304
340
70
14.8
5
0.9
≤ 60
1.6
85
173
1.05
1
B25620B1347K321
340
70
14.8
5
0.9
≤ 60
1.6
85
176
1.08
2
B25620C1347K321
370
50
15.7
5.2
0.8
≤ 60
2.1
90
173
1.3
3
B25623B0377K304
420
65
14.1
4.7
1.7
≤ 40
2.3
116
120
1.4
4
B25620B1427K323
480
70
14.1
4.7
1.8
≤ 40
2.1
116
132
1.55
4
B25620B1487K323
660
70
27.8
9.3
0.8
≤ 90
1.6
116
173
2.05
4
B25620B1667K323
1000
80
26.4
8.8
1
≤ 90
1
116
273
2.8
4
B25620B1108K323
1 I
MAX at
Θ 40°C, refer to “current derating” section for more details
Other configurations and capacitance tolerances available upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com