Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25620 Datasheet(PDF) 17 Page - EPCOS

Part # B25620
Description  Film Capacitors ??Power Electronic Capacitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620 Datasheet(HTML) 17 Page - EPCOS

Back Button B25620 Datasheet HTML 12Page - EPCOS B25620 Datasheet HTML 13Page - EPCOS B25620 Datasheet HTML 14Page - EPCOS B25620 Datasheet HTML 15Page - EPCOS B25620 Datasheet HTML 16Page - EPCOS B25620 Datasheet HTML 17Page - EPCOS B25620 Datasheet HTML 18Page - EPCOS B25620 Datasheet HTML 19Page - EPCOS B25620 Datasheet HTML 20Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 17 of 20
Important notes at the end of this document.
B25620B1557K204
B25620B1367K203
B25620B1507K203
B25620B1577K203
B25620B1737K203
B25620B1108K203
Current derating graphs for capacitors rated 900 / 1320 / 1980 V DC are available upon request.
Current Derating @ Ths = 75 °C
30
35
40
45
50
55
60
65
70
75
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)
Current Derating @ Ths = 75 °C
30
35
40
45
50
55
60
65
70
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)
Current Derating @ Ths = 75 °C
30
35
40
45
50
55
60
65
70
75
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)
Current Derating @ Ths = 75 °C
45
50
55
60
65
70
75
80
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)
Current Derating @ Ths = 75 °C
45
50
55
60
65
70
75
80
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)
Current Derating @ Ths = 75 °C
35
40
45
50
55
60
65
70
75
80
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com