Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25620 Datasheet(PDF) 14 Page - EPCOS

Part # B25620
Description  Film Capacitors ??Power Electronic Capacitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620 Datasheet(HTML) 14 Page - EPCOS

Back Button B25620 Datasheet HTML 10Page - EPCOS B25620 Datasheet HTML 11Page - EPCOS B25620 Datasheet HTML 12Page - EPCOS B25620 Datasheet HTML 13Page - EPCOS B25620 Datasheet HTML 14Page - EPCOS B25620 Datasheet HTML 15Page - EPCOS B25620 Datasheet HTML 16Page - EPCOS B25620 Datasheet HTML 17Page - EPCOS B25620 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 14 of 20
Important notes at the end of this document.
B25620B1317K101
B25620B1407K101/B25620B1427A101
B25620D1427K101
B25620D1457K101
B25620B1457K103
B25620B1487K101
B25620B1617K103
B25620D1617K101
Current Derating @ Ths = 75 °C
30
40
50
60
70
80
40
45
50
55
60
65
70
Te m p. ( °C)
Current Derating @ Ths = 75 °C
35
40
45
50
55
60
65
70
75
80
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)
Current Derating @ Ths = 75 °C
30
35
40
45
50
55
60
65
40
50
60
70
Temp. (°C)
Current Derating @ Ths = 75 °C
30
35
40
45
50
55
60
65
70
75
80
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)
Current Derating @ Ths = 75 °C
30
35
40
45
50
55
60
65
70
75
40 43 46 49 52 55 58 61 64 67 70
Tem p. ( °C )
Current Derating @ Ths = 75 °C
30
35
40
45
50
55
60
65
70
75
80
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)
Current Derating @ Ths = 75 °C
30
35
40
45
50
55
60
65
70
75
40 43 46 49 52 55 58 61 64 67 70
Te mp. ( °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com