Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25620 Datasheet(PDF) 4 Page - EPCOS

Part # B25620
Description  Film Capacitors ??Power Electronic Capacitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620 Datasheet(HTML) 4 Page - EPCOS

  B25620 Datasheet HTML 1Page - EPCOS B25620 Datasheet HTML 2Page - EPCOS B25620 Datasheet HTML 3Page - EPCOS B25620 Datasheet HTML 4Page - EPCOS B25620 Datasheet HTML 5Page - EPCOS B25620 Datasheet HTML 6Page - EPCOS B25620 Datasheet HTML 7Page - EPCOS B25620 Datasheet HTML 8Page - EPCOS B25620 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 4 of 20
Important notes at the end of this document.
1.4 Drawings types:
Figure 1: - B25620B - Ø 85mm
Figure 2: - B25620C / B25620D - Ø 85mm
- Female terminals (M6)
- Female terminals (M6)
- Between terminals 32±0.5mm
- Between terminals 32±0.5mm
Ø 85 ± 0.5
Ø 85 ± 0.5
32 ± 0.5
Ø 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com