Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25620 Datasheet(PDF) 3 Page - EPCOS

Part # B25620
Description  Film Capacitors ??Power Electronic Capacitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620 Datasheet(HTML) 3 Page - EPCOS

  B25620 Datasheet HTML 1Page - EPCOS B25620 Datasheet HTML 2Page - EPCOS B25620 Datasheet HTML 3Page - EPCOS B25620 Datasheet HTML 4Page - EPCOS B25620 Datasheet HTML 5Page - EPCOS B25620 Datasheet HTML 6Page - EPCOS B25620 Datasheet HTML 7Page - EPCOS B25620 Datasheet HTML 8Page - EPCOS B25620 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 3 of 20
Important notes at the end of this document.
1.1 Structure of ordering code
1.2 Standard types:
D (mm)
OC ending
Diameter (Ø)
Terminal type
32 ± 0.5
-**1
45 ± 0.5
-**4
50 ± 0.5
-**3
85 mm
Female M6
(B25620)
standard
Male M8
(B25623)
standard
90 mm
Female M6
(B25620)
available
116 mm
Female M6
(B25620)
standard
Other terminal configurations available upon request.
1.3 UL approved types:
Diameter (Ø)
Series
85 mm
B2562xC
B2562xD
90 mm
all types
116 mm
all types
Terminal type:
0 = Female M6
1 = Male M6
2 = Female M8
3 = Male M8
4 = Female M10
5 = Male M10
9 = special
B2562 0 B 1 427 K 10 1
MKP DC Series
Version:
B = standard
C = standard with plastic cap
D = heavy duty with plastic cap
S = special
Rated voltage: 110
• 10 = 1100 V
Rated capacitance:
107 = 10 · 10
7 pF = 100 µF
427 = 42 · 10
7 pF = 420 µF
108 = 10 · 10
8 pF = 1 mF
Distance between terminals:
1 = 32 mm
2 = 35 mm
3 = 50 mm
4 = 45 mm
9 = special
Capacitance tolerance
J = ± 5%
K = ± 10%
A = special



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com