Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5611ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Technical Data
ADL5611
Rev. PrA | Page 3 of 8
SPECIFICATIONS
VPOS = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
30
6000
MHz
FREQUENCY = 900 MHz
Gain
22.1
dB
Output 1 dB Compression Point
21.0
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 3 dBm per
tone
38.5
dBm
Noise Figure
2.1
dB
FREQUENCY = 1900 MHz
Gain
21.2
dB
Output 1 dB Compression Point
20.5
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 3 dBm per
tone
35.8
dBm
Noise Figure
2.5
dB
POWER INTERFACE
VPOS
Supply Voltage
4.75
5
5.25
V
Supply Current
90.7
mA
vs. Temperature
-40˚C≤TA≤+85˚C
-7/+5
mA
Power Dissipation
VPOS = 5V
0.45
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com