Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5611ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
30 MHz to 6 GHz
RF/IF Gain Block
Preliminary Technical Data
ADL5611
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsof Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2013 Analog Devices, Inc. All rights reserved.
FEATURES
Fixed gain of 22.1 dB
Broad operation from 30 MHz to 6 GHz
High dynamic range gain block
Input/output internally matched to 50 Ω
Integrated bias control circuit
OIP3 of 38.5 dBm at 900 MHz
P1dB of 21.0 dBm at 900 MHz
Noise figure of 2.1 dB at 900 MHz
Single 5V power supply
Low quiescent current of 90 mA
Wide operating temperature range of -40°C to 105°C
Thermally efficient SOT-89 package
ESD rating of ±1.5 kV (Class 1C)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADL5611 is a single ended RF/IF gain block amplifier that
provides broadband operation from 30 MHz to 6 GHz. The
ADL5611 provides a low noise figure of 2 dB with a very high
OIP3 of over 38 dBm simultaneously, which delivers a high
dynamic range.
The ADL5611 provides a gain of 22 dB, which is stable over
frequency, temperature, power supply, and from device to
device. The amplifier is offered in the industry standard SOT-
89 package, and internally matched to 50 Ω at the input and
output, making the ADL5611 very easy to implement in a wide
variety of applications. The only external parts required are the
input/output ac coupling capacitors, power supply decoupling
capacitors, and bias inductor.
The ADL5611 has a high ESD rating of ±1.5 kV (Class 1C), and
is also fully specified for operation across the wide temperature
range of −40°C to +105°C.
A fully populated RoHS-compliant evaluation board is
available.
RFIN
GND
RFOUT
1
2
BIAS
3
GND
ADL5611
(2)


Similar Part No. - ADL5611ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5611ARKZ-R7 AD-ADL5611ARKZ-R7 Datasheet
402Kb / 16P
RF/IF Gain Block
12/15-Rev. A to Rev. B
More results

Similar Description - ADL5611ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com