Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 6 Page - Analog Devices

  ADL5611ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADL5611
Preliminary Technical Data
Rev. PrA | Page 6 of 8
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Gain vs. Frequency, 0.5-4.0GHz
Figure 4. OIP3 vs. POUT, 900MHz
Figure 5. P1dB vs. Frequency, 0.9-1.9GHz
Figure 6. Input Return Loss (S11), Output Return Loss (S22), and
Reverse Isolation (S12) vs. Frequency, 0.5-4.0GHz
Figure 7. OIP3 vs. POUT, 1900MHz
Figure 8. Noise Figure vs. Frequency, 0.5-4.0GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com