Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5611ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Technical Data
ADL5611
Rev. PrA | Page 5 of 8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2.Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic Description
1
RFIN
RF Input. This pin requires a dc blocking capacitor.
2
GND
Ground. Connect this pin to a low impedance ground plane.
3
RFOUT
RF Output and Supply Voltage. DC bias is provided to this pin through an inductor that is connected to the
external power supply. RF path requires a dc blocking capacitor.
Exposed
Paddle
Exposed Paddle. Internally connected to GND. Solder to a low impedance ground plane.
RFIN
GND
RFOUT
1
2
3
GND
ADL5611
TOP VIEW
(Not to Scale)
(2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com