Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5611ARKZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5611ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611ARKZ-R7 Datasheet(HTML) 7 Page - Analog Devices

  ADL5611ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5611ARKZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Technical Data
ADL5611
Rev. PrA | Page 7 of 8
EVALUATION BOARD
Figure 9 shows the schematic for the ADL5611 evaluation board.
The board is powered by a single 5 V supply. The components
used on the board are listed in Table 5. Power can be applied to
the board through clip-on leads (VPOS, GND).
Figure 9. Evaluation Board Schematic
Figure 10. Evaluation Board Layout (Top)
Table 5. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2
AC-coupling capacitors.
0.1 μF 0402
L1
DC bias inductor.
43 nH 0603 (Coilcraft 0603HP or equivalent)
VPOS , GND
Clip-on terminals for power supply.
C4, C5, C6
Power supply decoupling capacitors
C4 = 68 pF, 0603; C5 = 1.2 nF, 0603; C6 = 1 μF, 1206
1
2
3
ADL5611
L1
43nH
GND
RFIN
RFOUT
(2)
C5
1.2nF
C4
68pF
C2
0.1µF
C1
0.1µF
VPOS
C6
1µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com