Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4NS-1AF Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D4NS-1AF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-1AF Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D4NS-1AF Datasheet HTML 3Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 4Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 5Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 6Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 7Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 8Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 9Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 10Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
D4NS
7
Operation Keys
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
30
15
7
17.5
28
4.3
13
2
13
7
D4DS-K1
Four, 2.15R
D4DS-K3
Black
28
14
4
6.3
2
15
40
30
56
20°
13
9 dia.
4.5 dia.
8 dia.
Angle adjustment screw
3
30
13
15
24.
7
28
10.5
6
7
9
D4DS-K2
Four, 2.15R
D4DS-K5
Black
4
20.9
28
13
15
°
18
°
43
4.5
41
Mounting Holes
(Enlargement)
8
17
15
Angle
adjustment screws
24.6
22.5
43
41
55
30
8
1
(7)
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com