Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4NS-1AF Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # D4NS-1AF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-1AF Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button D4NS-1AF Datasheet HTML 4Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 5Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 6Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 7Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 8Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 9Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 10Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 11Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
D4NS
11
Wiring
Wiring
• When connecting with insulation tubes and M3.5 crimp terminals,
connect the terminals as shown in the following figure and wire
without overriding to the case and the cover. Adequate conductor
size is AWG 20 to AWG18 (0.5 to 0.75 mm2).
Prepare lead wires using the lengths given in the following
diagrams. If lead wires are too long, they will press against the
cover causing the cover to not close properly.
• Do not push the crimp terminal and the likes into the opening
between the parts to prevent the case from being broken and
deformed.
• Use terminals having the thickness of 0.5 mm or less to avoid the
contact between the terminal and the Switch case inside.
<Reference>
The crimp terminals listed below have a thickness of 0.5 mm or less.
J.S.T is a Japanese manufacturer.
Pin arrangement of connector type
• Suitable socket is XS2F-D421 series (OMRON).
• Refer to the Connector Catalog for corresponding Socket pin
numbers and lead wire colors.
Socket Tightening (Models with Connectors)
• Turn the tightening screws on the Socket by hand and tighten them
until the gap between the Socket and Plug essentially disappears.
• Make sure that the Socket’s connector is tightened securely,
otherwise the rated degree of protection (IP67) of the D4NS may
not be maintained, or the Socket connector may be loosened by
vibration.
Conduit Opening
• Use cables with suitable diameters for the connector being used.
• When wiring, place the enclosed cap screw on unused conduit
openings (for 2-Conduit Switches) and tighten them to the suitable
tightening torque.
Recommended Connectors
Use the connector with thread section of 9 mm long or less. If a
connector with a longer thread section is used, the protruding part
may interfere with the other parts inside the body. Use the connectors
listed below to ensure IP67 degree of protection.
When use LAPP's products, use together with a Seal Packing which
is sold separately (Type names, JPK-16, GP-13.5, or GPM20) and
tighten with proper tightening torque.
• LAPP is a German manufacturer.
Manufacture
Type
J.S.T. Mfg Co.
FN0.5-3.7 (F Type)
N0.5-3.7 (Straight Type)
1-Conduit Models with 3 Poles
2-Conduit Models with 3 Poles
22
21
34
33
12
11
A
A
C
E
B
D
F
C
E
B
D
F
28 mm
Tolerance
±2 mm
33 mm
42 mm
22
21
34
33
12
11
A
C
E
B
D
F
A
C
E
BD F
28 mm
Tolerance
±2 mm
Left hand
42 mm
A
C
E
BD F
28 mm
Tolerance
±2 mm
Right hand
42 mm
L
l
F
B
D dia.
dz dia.
t:
0.5 mm
dz dia.:
3.7 mm
D dia.:
2.9 mm
B:
6.6 mm
L:
19 mm
F:
7.7 mm
I:
8.0 mm
Correct
Incorrect
Terminal screw
Crimp terminal
Size
Manufacture
Model
Applicable cable
diameter
G1/2
LAPP
ST-PF1/2
5380-1002
6.0 to 12.0 mm
Pg13.5
LAPP
S-13.5
5301-5030
6.0 to 12.0 mm
M20
LAPP
ST-M20
× 1.5
5311-1020
7.0 to 13.0 mm
1
3
2
4
D4NS-9BF (2NC)
1 (11)
3 (31)
2 (12)
4 (32)
D4NS-9AF (1NC/1NO)
D4NS-9EF (1NC/1NO (MBB))
1 (11)
3 (33)
Pin No. (Terminal No.)
2 (12)
4 (34)
Zb
Zb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com