Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4NS-1AF Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # D4NS-1AF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-1AF Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button D4NS-1AF Datasheet HTML 4Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 5Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 6Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 7Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 8Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 9Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 10Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 11Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
D4NS
8
With Operation Key Inserted (Relationship between Insertion Radius and Key Hole)
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
(30.6)
(30.6)
(15)
(33.5)
Red
Black
D4NS-1
@F + D4DS-K1
(with Front-inserted Operation Key)
44 to 46.5
Key insertion face
Horizontal key
insertion radius
R
≥ 200
Permissible difference
in center lines between
the Operation Key and
key hole is
±1.
44 to 46.5
Key insertion face
Vertical key
insertion radius
R
≥ 200
Permissible difference
in center lines between
the Operation Key and
key hole is
±1.
Red
Black
The permissible difference
in center lines between
the Operation Key
and key hole is ±1.
Horizontal key insertion
radius R
≥ 200
Vertical key insertion
radius R
≥ 200
54.5 to 57.0 Key
insertion face
54.5 to 57.0 Key
insertion face
D4NS-1
@F + D4DS-K1
(with Top-inserted Operation Key)
The permissible difference
in center lines between
the Operation Key
and key hole is ±1.
(41)
(8)
(41)
(15)
(30.6)
(15)
(30.6)
(33.5)
(27.5)
Red
Black
D4NS-1
@F + D4DS-K2
(with Front-inserted Operation Key)
40 to 42.5
Key insertion face
Permissible difference
in center lines between
the Operation Key and
key hole is
±1.
40 to 42.5
Key insertion face
Permissible difference
in center lines between
the Operation Key and
key hole is
±1.
Horizontal key
insertion radius
R
≥ 200
Vertical key
insertion radius
R
≥ 200
Red
Black
The permissible difference
in center lines between
the Operation Key
and key hole is ±1.
Horizontal key insertion
radius R
≥ 200
Vertical key insertion
radius R
≥ 200
50.5 to 53.0 Key
insertion face
50.5 to 53.0 Key
insertion face
D4NS-1
@F + D4DS-K2
(with Top-inserted Operation Key)
The permissible difference
in center lines between
the Operation Key
and key hole is ±1.
(41)
(8)
(6)
(41)
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com