Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4NS-1AF Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D4NS-1AF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-1AF Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D4NS-1AF Datasheet HTML 2Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 3Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 4Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 5Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 6Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 7Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 8Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 9Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
D4NS
6
Dimensions
(Unit: mm)
Dimensions and Operating Characteristics
1-Conduit Models
2-Conduit Models
1-Conduit Connector Models
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. There are fluctuations in the contact ON/OFF timing for Switches with multiple poles (2NC, 2NC/1NO, or 3NC). Confirm performance before
application.
7.5
Head cap
22±0.2
31
30.2
15.3
4.4
2.5
55
41
33.5
47±0.2
20±0.1
22±0.1
14.2
30
31.5
21.5
15.5
30.6
Red
Black
D4NS-1
@F
D4NS-2
@F
D4NS-4
@F
D4NS-2
@F-SJ
D4NS-4
@F-SJ
2.15
±0.05R
mounting holes
0
Two, 4
+0.15 dia. holes
depth: 5
15 N max.
30 N max.
6
±3 mm
(28 mm)
60 N min.
10 mm min.
D4NS-1
@F
D4NS-2
@F
D4NS-4
@F
15N max.
(50N max.)
6
±3 mm
(28 mm)
80N min.
10mm min.
D4NS-2
@F-SJ
D4NS-4
@F-SJ
Operating
characteristics
Key insertion force
Key extraction force
Pretravel (PT)
Total travel (TT)
Direct opening force
*
Direct opening stroke
*
* Always maintain the above operating characteristics for safe use.
Model
7.5
15.3
42±0.1
40±0.1
30.2
4.4
5.4
47
33.5
39±0.2
41
2.5
9±0.2
25 dia.
14.2
30
20.5
15.5
21.5
Cap (both sides)
31.5
30.6
56 max.
3
42±0.2
22±0.1
20±0.1
Red
Black
D4NS-6
@F
D4NS-8
@F
2.15
±0.05R
mounting holes
0
Two, 4
+0.15 dia. holes
depth: 5
15 N max.
30 N max.
6
±3 mm
(28 mm)
60 N min.
10 mm min.
D4NS-6
@F
D4NS-8
@F
Operating
characteristics
Key insertion force
Key extraction force
Pretravel (PT)
Total travel (TT)
Direct opening force
*
Direct opening stroke
*
* Always maintain the above operating characteristics
for safe use.
Head cap
Model
31
M12
× 1
30
22±0.2
2.5
20±0.1
22±0.1
30.2
15.3
4.4
55
(14)
41
33.5
47±0.2
7.5
31.5
21.5
15.5
30.6
14.2
Red
Black
D4NS-9
@F
2.15±0.05R
mounting holes
0
Two, 4
+0.15 dia. holes
depth: 5
15 N max.
30 N max.
6
±3 mm
(28 mm)
60 N min.
10 mm min.
D4NS-9
@F
Operating
characteristics
Key insertion force
Key extraction force
Pretravel (PT)
Total travel (TT)
Direct opening force
*
Direct opening stroke
*
* Always maintain the above operating characteristics
for safe use.
Head cap
Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com