Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4NS-1AF Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D4NS-1AF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-1AF Datasheet(HTML) 4 Page - Omron Electronics LLC

  D4NS-1AF Datasheet HTML 1Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 2Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 3Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 4Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 5Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 6Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 7Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 8Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
D4NS
4
Characteristics
Note: 1. The above values are initial values.
2. The Switch contacts can be used with either standard loads or microloads. Once the contacts have been used to switch a load, however,
they cannot be used to switch smaller loads. The contact surfaces will become rough once they have been used and contact reliability
for smaller loads may be reduced.
*1. The degree of protection is tested using the method specified by the standard (EN60947-5-1). Confirm that sealing properties are sufficient for
the operating conditions and environment beforehand. Although the switch box is protected from dust or water penetration, do not use the
D4NS in places where foreign material may enter through the key hole on the head, otherwise Switch damage or malfunctioning may occur.
*2. The durability is for an ambient temperature of 5 to 35°C and an ambient humidity of 40% to 70%. For more details, consult your
OMRON representative.
*3. Do not pass the 3 A, 250 VAC load through more than 2 circuits.
*4. These figures are minimum requirements for safe operation.
*5. This value will vary with the switching frequency, environment, and reliability level. Confirm that correct operation is possible with the actual
load beforehand.
Degree of protection
*1
IP67 (EN60947-5-1)
Durability
*2
Mechanical
<Standard type>
1,000,000 operations min.
<High pull-force type>
100,000 operations min.
Electrical
<Standard type>
500,000 operations min. (3 A resistive load at 250 VAC)
*3
300,000 operations min. (10 A resistive load at 250 VAC)
<High pull-force type>
100,000 operations min. (10 A resistive load at 250 VAC)
Operating speed
0.05 to 0.5 m/s
Direct opening force
*4
<Standard type>
60 N min.
<High pull-force type>
80 N min.
Direct opening travel
*4
10 mm min.
Contact resistance
25 m
Ω max.
Minimum applicable load
*5
1 mA resistive load at 5 VDC (N-level reference value)
Rated insulation voltage (Ui)
300 V
Rated frequency
50/60 Hz
Protection against electric shock
Class II (double insulation)
Pollution degree (operating environment)
3 (EN60947-5-1)
Impulse withstand
voltage
(EN60947-5-1)
Between terminals of
same polarity
2.5 kV
Between terminals of
different polarity
4 kV
Between each terminal
and non-current carrying
metallic parts
6 kV
Insulation resistance
100 M
Ω min.
Contact gap
2
× 2 mm min.
Vibration resistance
Malfunction
10 to 55 Hz, 0.75 mm single amplitude
Shock resistance
Destruction
1,000 m/s2 min.
Malfunction
300 m/s2 min.
Conditional short-circuit current
100 A (EN60947-5-1)
Conventional free air thermal current (Ith)
10 A (EN60947-5-1)
Ambient operating temperature
−30 to 70°C (with no icing)
Ambient operating humidity
95% max.
Weight
Approx. 96 g (D4NS-1CF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com