Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP19035 Datasheet HTML 17Page - Microchip Technology MCP19035 Datasheet HTML 18Page - Microchip Technology MCP19035 Datasheet HTML 19Page - Microchip Technology MCP19035 Datasheet HTML 20Page - Microchip Technology MCP19035 Datasheet HTML 21Page - Microchip Technology MCP19035 Datasheet HTML 22Page - Microchip Technology MCP19035 Datasheet HTML 23Page - Microchip Technology MCP19035 Datasheet HTML 24Page - Microchip Technology MCP19035 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2012 Microchip Technology Inc.
DS22326A-page 21
MCP19035
5.2.6
MOSFETS SELECTION
Choosing the right MOSFET is a critical part of the
design for a switching regulator. Their performance will
directly impact the efficiency and reliability of the
regulator.
The MCP19035 synchronous buck controller offers an
integrated, logic-level MOSFET driver, and is capable
of supplying 5V to drive the MOSFET gates. As a
result, logic-level MOSFETs must be used. Suitable
MOSFETs should meet the requirement of voltage and
current rating.
A key parameter for evaluating the MOS transistor
performance is the Figure of Merit. For a given
MOSFET, this is defined as the product between the
Total Gate Charge (QG) and RDS(ON) (see Equation 5-
8).
EQUATION 5-8:
FIGURE OF MERIT
A lower FOM value means a higher-performance MOS
transistor.
For the High-side MOSFET, power losses consist of
both switching and conduction losses. Conduction
losses are high when the duty cycle of the converter is
high. The conduction loss of the high-side MOSFET
can be estimated by multiplying the RDS(ON) with the
RMS value of the current that passes through the tran-
sistor (see Equation 5-9).
EQUATION 5-9:
RMS VALUE FOR
HIGH-SIDE CURRENT
The conduction losses for high-side MOS transistor are
estimated in Equation 5-10:
EQUATION 5-10:
CONDUCTION LOSSES
FOR HIGH-SIDE MOSFET
The switching losses are more difficult to calculate,
since they depend on many parameters. Equation 5-11
shows an estimation of these losses:
EQUATION 5-11:
SWITCHING LOSSES FOR
HIGH-SIDE MOSFET
The ts(HL) and ts(LH) times can be estimated using the
following equations:
EQUATION 5-12:
The total power losses for high-side MOSFET can be
calculated with Equation 5-13:
EQUATION 5-13:
TOTAL POWER LOSSES
FOR HIGH-SIDE MOSFET
For applications that operate with low duty cycle (lower
than 30%) or high input voltage, the power losses for
the high-side transistor are mainly switching losses.
For these applications, it is recommended to choose a
MOSFET that offers a low Total Gate Charge.
For applications that operate with duty cycles higher
than 50%, the power losses for the high-side transistor
are mainly conduction losses. For these applications,
choose a MOSFET that has a low RDS(on).
FOM
Q
GTot

R
DS
ON

=
I
RMS High-Side
DI
OUT
2
I
Ripple
2
12
----------------
+



=
Where:
D = Duty Cycle
IOUT = Output Current (A)
IRipple = Current Ripple in the Inductor
(typically 30% of the maximum output
current) (A)
P
CON D High-Side
I
RMS High-Side
2
R
DS on
HS max

=
P
SW High-Side
V
IN
I
OUT
2
---------------------------


t
sHL

t
sLH

+

f
SW
=
Where:
VIN = Input Voltage (V)
IOUT = Output Current (A)
fSW = Switching Frequency (Hz)
ts(HL) = MOSFET Switching Time
(High-to-Low transition) (s)
ts(LH) = MOSFET Switching Time
(Low-to-High transition) (s)
t
sHL

Q
G Total

I
DRV
Sink
----------------------
=
t
sLH

Q
G Total

I
DRV
Sour ce
----------------------
=
Where:
QG(Total) = High-side MOSFET Total Gate
Charge
IDRVSink = Sink Peak Current for High-Side
Driver (typical 1A)
IDRVSource = Source Peak Current for High-Side
Driver (typical 1A)
P
Loss High-Side
P
COND High-Side
P
SW High-Side
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com