Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP19035 Datasheet HTML 13Page - Microchip Technology MCP19035 Datasheet HTML 14Page - Microchip Technology MCP19035 Datasheet HTML 15Page - Microchip Technology MCP19035 Datasheet HTML 16Page - Microchip Technology MCP19035 Datasheet HTML 17Page - Microchip Technology MCP19035 Datasheet HTML 18Page - Microchip Technology MCP19035 Datasheet HTML 19Page - Microchip Technology MCP19035 Datasheet HTML 20Page - Microchip Technology MCP19035 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
 2012 Microchip Technology Inc.
DS22326A-page 17
MCP19035
4.11
Soft Start
To control the output voltage during start-up, the
MCP19035 uses a soft-start circuit that allows the
output voltage of the system to monotonically increase.
The soft start circuitry allows the output voltage to rise
up to the desired regulation limit, typically within
2.6 ms. The soft start circuit is enabled each time the
MCP19035 starts. This includes initial start-up, start-up
from toggling the SHDN pin, start-up after thermal
shutdown, or start-up after an overcurrent condition.
FIGURE 4-3:
Soft Start-up Diagram.
4.12
Pre-Bias Load Start-up
A special start-up sequence will prevent any current to
be sourced from the output in case of a pre-biased
load. This is accomplished by monitoring the FB pin
and internal reference voltages. If the positive input to
the Error Amplifier (internal reference voltage) is
greater than the feedback voltage (voltage present at
FB pin), the controller will drive the low-side MOSFET
(synchronous rectifier) with a reduced duty cycle. This
sequence ensures a smooth output voltage transition
without sinking any current from the pre-biased
external load.
SHDN
VOUT
Soft Start Time
(TSS = 2.6 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com