Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP19035 Datasheet HTML 10Page - Microchip Technology MCP19035 Datasheet HTML 11Page - Microchip Technology MCP19035 Datasheet HTML 12Page - Microchip Technology MCP19035 Datasheet HTML 13Page - Microchip Technology MCP19035 Datasheet HTML 14Page - Microchip Technology MCP19035 Datasheet HTML 15Page - Microchip Technology MCP19035 Datasheet HTML 16Page - Microchip Technology MCP19035 Datasheet HTML 17Page - Microchip Technology MCP19035 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
MCP19035
DS22326A-page 14
 2012 Microchip Technology Inc.
4.2
PWM Circuitry
The MCP19035 controller implements a fixed
frequency, voltage-mode control scheme. The internal
PWM generator is comprised of an oscillator, error
amplifier, high-speed comparator and a latch. The error
amplifier generates the control voltage by amplifying
the difference between voltage reference (600 mV,
internally generated) and the voltage of the FB pin
(feedback voltage). This control voltage is compared by
the high-speed comparator to an artificially generated
ramp signal; the result is a PWM signal. An SR latch
(Set-Reset flip-flop) is used to prevent the PWM
circuitry from turning the external switch on until the
beginning of the next clock cycle.
An external Compensation Network (Type-II or
Type-III) must be used to stabilize the control system.
4.3
Internal Reference Voltage VREF
An integrated, precision voltage reference is provided
by the MCP19035. An external resistor divider is used
to program the converter’s output voltage. The nominal
value of this internal reference voltage is 600 mV.
4.4
Internal Oscillator
The internal oscillator of the MCP19035 device
provides a 300 kHz fixed switching frequency.
4.5
Under Voltage Lockout Circuit
(UVLO)
An integrated Under Voltage Lockout Circuit (UVLO)
prevents the converter from starting until the input volt-
age is high enough for normal operation. The converter
will typically start at 4.2V and operate down to 3.6V.
Hysteresis is added to prevent starting and stopping
during startup, as a result of loading the input voltage
source.
4.6
Shutdown Input
The Shutdown input pin (SHDN) is used to enable and
disable the controller. When the SHDN pin is pulled
low, the MCP19035 is placed in Shutdown mode.
During Shutdown, most of the internal circuits
(including the LDO) are disabled, to minimize current
consumption.
A 100 kΩ pull-up resistor is recommended between the
SHDN pin and VIN pin. Note that the SHDN input is a
high-impedance pin. Noise generated by the circuits
located near this pin may inadvertently shut down the
controller. To improve the noise immunity of this input
pin, we recommend placing a small capacitor between
GND and SHDN, or decrease the value of the pull-up
resistor. The Shutdown input pin should not be left
floating.
4.7
Power Good Output (PWRGD)
This open drain output provides an indication that the
output voltage is 92% (typical) of its regulated value.
This output is also low for other existing conditions that
signal the possibility that the output of the power supply
is out of regulation. The conditions are:
• Feedback pin (FB) voltage differs more than ±8%
from its nominal value (600 mV)
• Soft-start period is active
• Undervoltage condition detected
• Overcurrent condition detected, on either the High
Side or Low Side
• Die temperature is above the thermal shutdown
threshold (+150°C)
The active high power good signal has a fixed time
delay of approximately 120 ms (tPG-TIMEOUT). There is
typically 150 μs delay (tPG-DELAY) on the power good
signal high-to-low transition.
FIGURE 4-2:
Power Good Signal.
PGTH-LOW
tPG-TIMEOUT
PG
VFB
tPG-DELAY
PGTH-HI
PGV-LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com