Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 1 Page - Microchip Technology

  MCP19035 Datasheet HTML 1Page - Microchip Technology MCP19035 Datasheet HTML 2Page - Microchip Technology MCP19035 Datasheet HTML 3Page - Microchip Technology MCP19035 Datasheet HTML 4Page - Microchip Technology MCP19035 Datasheet HTML 5Page - Microchip Technology MCP19035 Datasheet HTML 6Page - Microchip Technology MCP19035 Datasheet HTML 7Page - Microchip Technology MCP19035 Datasheet HTML 8Page - Microchip Technology MCP19035 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2012 Microchip Technology Inc.
DS22326A-page 1
MCP19035
Features
• Input Voltage Range: from 4.5V to 30V
• Targeted for Low Voltage Power Trains with
Output Current up to 20A
• High-Speed Voltage Mode, Analog Pulse-Width
Modulation Control
• Power Good Output
• Internal Oscillator, Reference Voltage and
Overcurrent Limit threshold for Stand-Alone
Applications.
• Fixed Switching Frequency (fSW): 300 kHz
• Integrated Synchronous MOSFET Drivers
• Multiple Dead-Time Options
• Internal Blocking Device for Bootstrap Circuit
• Integrated Current Sense Capability for Short
Circuit Protection
• Internal Overtemperature Protection
• Under Voltage Lockout (UVLO)
• Integrated Linear Voltage Regulator
• 10-LD 3X 3mm DFN Package
Applications
• Point of Loads
• Set-Top Boxes
• DSL Cable Modems
• FPGA’s/DSP’s Power Supply
• PC’s Graphic/Audio Cards
General Description
The MCP19035 is an application-optimized, high-
speed synchronous buck controller that operates from
input voltage sources up to 30V. This controller
implements a voltage-mode control architecture with a
fixed switching frequency of 300 kHz. The high-
switching frequency facilitates the use of smaller
passive components, including the inductor and
input/output capacitors, allowing a compact, high-
performance power supply solution. The MCP19035
implements an adaptive anti-cross conduction scheme
to prevent shoot-through in the external power
MOSFETs. Further more, the MCP19035 offers
multiple dead-time options, enabling an additional
degree of optimization, allowing a higher efficiency
power supply design.
The MCP19035 controller is intended to be used for
applications providing up to 20A of output currents
across a wide input voltage range, up to 30V.
The SHDN input is used to turn the device on and off.
While turned off, the current consumption is minimized.
The MCP19035 offers a Power Good feature
(PWRGD), enabling fault detection and simplifying
sequencing.
Package Types
MCP19035
3x3 DFN*
COMP
FB
VIN
PHASE
BOOT
1
2
3
4
10
9
8
7 LDRV
HDRV
SHDN
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
11
6
PWRGD
+VCC
5
High-Speed Synchronous Buck Controller


Similar Part No. - MCP19035

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19035-AAAAE/MF MICROCHIP-MCP19035-AAAAE/MF Datasheet
933Kb / 44P
High-Speed Synchronous Buck Controller
11/29/12
MCP19035-AAABE/MF MICROCHIP-MCP19035-AAABE/MF Datasheet
933Kb / 44P
High-Speed Synchronous Buck Controller
11/29/12
MCP19035-BAAAE/MF MICROCHIP-MCP19035-BAAAE/MF Datasheet
933Kb / 44P
High-Speed Synchronous Buck Controller
11/29/12
MCP19035-BAABE/MF MICROCHIP-MCP19035-BAABE/MF Datasheet
933Kb / 44P
High-Speed Synchronous Buck Controller
11/29/12
MCP19035T-AAAAE/MF MICROCHIP-MCP19035T-AAAAE/MF Datasheet
933Kb / 44P
High-Speed Synchronous Buck Controller
11/29/12
More results

Similar Description - MCP19035

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
High Current Synchronous Buck Controller
logo
Sipex Corporation
SP6132HV SIPEX-SP6132HV Datasheet
264Kb / 14P
High Voltage Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035_13 Datasheet
933Kb / 44P
High-Speed Synchronous Buck Controller
11/29/12
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
High-Efficiency Synchronous Buck Controller
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com