Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP19035 Datasheet HTML 24Page - Microchip Technology MCP19035 Datasheet HTML 25Page - Microchip Technology MCP19035 Datasheet HTML 26Page - Microchip Technology MCP19035 Datasheet HTML 27Page - Microchip Technology MCP19035 Datasheet HTML 28Page - Microchip Technology MCP19035 Datasheet HTML 29Page - Microchip Technology MCP19035 Datasheet HTML 30Page - Microchip Technology MCP19035 Datasheet HTML 31Page - Microchip Technology MCP19035 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
MCP19035
DS22326A-page 28
 2012 Microchip Technology Inc.
6.0.2
INPUT CAPACITOR SELECTION
The converter operates with a maximum duty cycle of
22.5%. A ceramic capacitor (X7R dielectric) with a
10 m
 ESR (typical) will be used. The minimum
capacitance
for
input
capacitor,
calculated
in
Equation 5-4, is 32.7 µF. Use two standard 22 µF
capacitors (X7R) rated at 25VDC in parallel.
6.0.3
OUTPUT CAPACITOR SELECTION
Based on a step load from 25% to 75% of the maximum
output current, the minimum value for the output capac-
itor can be determined with Equation 5-7. The mini-
mum value is 456 µF. Choose the next higher standard
value (500 µF). The ESR of the output capacitor will
strongly affect the output voltage ripple. Use five
100 µF standard ceramic capacitors (X7R or X5R
dielectric) rated at 6.3VDC in parallel. The estimated
final value of the ESR is lower than 5 m
. The output
voltage ripple is now estimated with Equation 5-6.
6.0.4
MOSFETS SELECTION
Before the MOSFET selection, the total losses of the
converter should be estimated. For this application, the
input power can be estimated using Equation 6-1:
EQUATION 6-1:
INPUT POWER
The total power losses are estimated in Equation 6-2:
EQUATION 6-2:
TOTAL CONVERTER
LOSSES
To achieve the efficiency goal (90%), the total power
losses must be lower than 2W at 10A output current.
Table 6-3 shows how these losses are distributed over
the converter components. The power losses distribu-
tion varies with the design parameters. As a rule of
thumb, for designs that have higher conversion ratio
(low duty cycles), the losses for the high-side MOSFET
are mainly switching losses. For the low side, most of
the losses will be the conduction losses.
An important part of the total power losses (over 75%)
are dissipated by the MOSFETs.
For the high-side MOSFET, the total amount of losses
(conduction and switching losses) should not exceed
0.72W. This design has a higher conversion ratio
(greater than 7:1), thus most of the losses of the high-
side MOSFET will be switching losses. As a rule of
thumb, the switching losses will be considered to be
70% of the total losses.
The conduction losses for the high-side MOSFET are
estimated in Equation 5-10. High-side MOSFET
conduction losses are high at low input voltages. The
maximum RDS(on) for the high-side MOSFET is:
EQUATION 6-3:
MAXIMUM
HIGH-SIDE RDS(ON)
For this design, where IRMS High-Side =3.9A at 12V
input voltage and 10A output current, the high-side
MOSFET should have a RDS(On) lower than 14 mΩ.
For the high-side MOSFET, most of the losses are
switching losses (70%). The maximum total gate
charge for the high-side MOSFET is:
EQUATION 6-4:
MAXIMUM TOTAL
GATE CHARGE FOR
THE HIGH-SIDE MOSFET
The maximum Total Gate Charge (QG(Total)) at 4.5V
VGS should be lower than 12 nC (calculated for 10A
output current).
P
IN
U
OUT
I
OUTmax
Eff
------------------------------------------
=
P
LOSS
P
IN
P
OUT
–
=
TABLE 6-3:
ESTIMATION OF THE POWER
LOSSES DISTRIBUTION
Component
Losses (%)
High-Side MOSFET
36
Low-Side MOSFET
40
Inductor
10
Input Capacitor
2
Output Capacitor
1
PWM Controller
10
Traces DC Resistance
1
R
DS on

P
LOSS High
Side
–
I
RMS High
Side
–
2
-----------------------------------------
0.3
=
Q
GTotal

P
LOSS High
Side
–
V
IN Max

I
OUT
f
SW
-------------------------------------------------------0.7
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com