Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 13Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 14Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 15Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 16Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 17Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 18Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 19Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
Charge Overcurrent Detector
If the voltage across both protection MOSFETs (VM – VSS) becomes more negative than the charge overcurrent
detection voltage (VDET4 = –0.112 V typ) for a period up to the charge overcurrent detection delay time (tDET4 =
12 ms typ) due to an abnormal charging current or abnormal charging voltage, the bq28z560-R1 detects the
overcurrent charge state of the battery and the COUT pin transitions to a low level. This prohibits charging the
battery by turning off the external charge control N-channel MOSFET. The bq28z560-R1 releases from the
charge overcurrent detection state on by detecting the connection of a load for a period up to the overcharge
release delay time (tREL4 = 4 ms typ).
Table 2. Hardware Control Due to Fault Detection
Delay
Fault Condition
DOUT
COUT
Comment
(typ)
Once BATHI occurs for longer than the specified duration (1 s typ), the CHG FET is
turned OFF, and bus communication is not valid, the system will support power to the
Overcharge Voltage
ON
OFF
1 s
load with current flow through the CHG FET parasitic diode. This can cause the cell to
Protection
discharge. Once the cell voltage reaches the overcharge release voltage for the
specified duration (8 ms typ) the CHG FET is turned ON and bus communication is valid.
If the cell is being charged with excessive current, the threshold will be based on a
hardware limit measurement of –112 mV typ across the CHG + DSG FET (VM – Vss) for
a duration longer than 12 ms (typ), the CHG FET is turned OFF and bus communication
is not valid. This will prevent further charging of the cell. The setting of the CHG bit in the
Overcurrent
control Status register is dependent on the OC bit setting in the Flags Bit Definition
Protection During
ON
OFF
12 ms
register selection.
Charging
The FET bit in the Control between the charger is removed and cell voltage falls below
the threshold for greater than 8 ms (typ). COUT is turned back ON. Once the host MCU
takes corrective action OR if the battery charger is removed AND there is a load
detected for a period of 4 ms (typ), the CHG FET is turned ON bus communication is
valid.
If the cell voltage falls to lower than 2.3 V for a duration of 24 ms (typ), the DSG FET is
Over Discharging
turned OFF, and bus communication is not valid. The system requires if the charger is
OFF
ON
24 ms
Voltage Protection
connected and cell voltage rises above threshold for greater than 4 ms (typ). DOUT is
turned back ON and bus communication is valid.
If the cell is being discharged with excessive current, the threshold will be based on a
hardware limit measurement of 150 mV typ across the DSG + CHG FET ( VM – Vss) for
Overcurrent
a duration longer than 12 ms (typ), the DSG FET is turned OFF, and bus communication
Protection During
OFF
ON
12 ms
is not valid. This prevents further discharging of the cell, and the DSG bit in the Control
Discharging
Status register will be set. If the drop across the DSG + CHG FET is less than the
threshold OR there is no load detected for a duration of 4 ms (typ), the DSG FET is
turned ON and bus communication is valid.
Detection of cell short circuit is measured at VM input. Shorted cell detection is VBAT
0.9 V for greater than 400 µs at VM terminal, and the DSG FET is turned OFF, and bus
Short-Circuit
OFF
ON
400 µs
communication is not valid. The DSG bit in the control Status register will be set. The
Protection
system will turn the DSG FET ON if the voltage at VM is below 150 mV OR no load is
detected.
Gas Gauge Control of Discharge DOUT Pin
Firmware Control of DOUT for Protection
The gas gauge firmware can override the hardware-based protection by forcing DOUT low to turn OFF the
discharge FET. However, the firmware cannot override the hardware protection to force discharge.
The following conditions can enable firmware to force DOUT low:
1. BATLOW—Undervoltage protection using CUV settings. If the cell voltage drops below the firmware setting
the DOUT pin transitions to a low to turn off the discharge FET. The Discharge FET is turned back on once
the cell voltage rises above the set hysteresis.
2. OCD condition—If the average discharge current is greater than the set OCD current, the DOUT pin
transitions low to turn of the Discharge FET. The Discharge FET is turned back on once the average current
decreases below the set level.
3. OTD condition—The DOUT will transition low if the discharge current is flowing and the temperature is above
th set OTD threshold.
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com