Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 38 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 34Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 35Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 36Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 37Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 38Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 39Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 40Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 41Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
SleepWakeChg = If set to 1 will accumulate the charge as if it was active for 10 s ( instead of 20 s).
If set, the CHG FET is turned OFF on detecting primary charge termination. The CHG FET is allowed to turn
ChgFetTerm =
back ON again when RSOC < TCA Clear %.
CFET_INIT= Sets initial state of CHG FET at reset condition. 0 = CHG FET OFF, 1 = CHG FET ON.
DFET_INIT= Sets initial state of DSG FET at reset condition. 0 = DSG FET OFF, 1 = DSG FET ON.
PIN12F1
PIN12F0
State
0
0
NC or HDQ (default)
0
1
CHG FET
1
0
Bat Alert
1
1
RSVD
Battery Alert Default Configuration Register
When the system is configured as an interrupt indication, the bq28z560-R1 allows settings to be configured
based on which faults are OR'ed for indication on the Alert output Table 18. This register is programmed/read via
the methods described in ACCESSING THE DATA FLASH. The register is located at subclass = 64, offset = 4.
Table 18. Battery Alert Default Configuration Bit Definition
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
UTC_EN
UTD_EN
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OTC_EN
OTD_EN
BH_EN
BL_EN
RSVD
SOC1_EN
OCC_EN
OCD_EN
UTC_EN = Allows detection of Under Temperature Charging when set to 1. Default is 0.
UTD_EM = Allows detection of Under Temperature Discharging when set to 1. Default is 0.
RSVD = Reserved. Default = 0.
OTC_EN = Allows detection of Over Temperature Charging when set to 1. Default is 0.
OTD_EN = Allows detection of Over Temperature Discharging when set to 1. Default is 0.
BH_EN = Allows detection of Battery High when set to 1. Default is 0.
BL_EN = Allows detection of Battery Low when set to 1. Default is 0.
RSVD = Reserved. Default = 0.
SOC1_EN Allows detection of SOC low when set to 1. Default is 0.
OCC_EN = Allows detection of Overcurrent in CHARGE mode when set to 1. Default is 0.
OCD_EN = Allows detection of Over Current in Discharge mode when set to 1. Default is 0.
NOTE
Important: The enable flags (Bits 7 to 4) are the reset values. Changing the data flash will
not take effect until the gas gauge is re-started. Read/Write of the BatAlert_Configuration
I2C data controls the runtime alert mask.
MANUFACTURER INFORMATION BLOCKS
The bq28z560-R1 contains 64 bytes of user-programmable data flash storage: Manufacturer Info Block A and
Manufacturer Info Block B. The method for accessing these memory locations is slightly different, depending
on whether the device is in UNSEALED or SEALED modes.
When in UNSEALED mode and when and 0x00 has been written to BlockDataControl(), accessing the
Manufacturer Info Blocks is identical to accessing general data flash locations. First, a DataFlashClass()
command is used to set the subclass, then a DataFlashBlock() command sets the offset for the first data flash
address within the subclass. The BlockData() command codes contain the referenced data flash data. When
writing the data flash, a checksum is expected to be received by BlockDataChecksum(). Only when the
checksum is received and verified is the data actually written to data flash.
38
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com