Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
t(B)
t(BR)
t(HW1)
t(HW0)
t(CYCH)
t(DW1)
t(DW
t(CYCD)
Break
7-bit address
8-bit data
(a) Break and Break Recovery
(c) Host Transmitted Bit
(d) Gauge Transmitted Bit
(e) Gauge to Host Response
1.2V
t(RISE)
(b) HDQ line rise time
1-bit
R/W
t(RSPS)
0)
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
ADC (TEMPERATURE AND CELL VOLTAGE) CHARACTERISTICS (continued)
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Z(ADC1)
Effective input resistance (TS) (1)
8
M
Effective input resistance (BAT) (1) bq28z560-R1 not measuring cell voltage
8
M
Z(ADC2)
bq28z560-R1 measuring cell voltage
100
k
Ilkg(ADC)
Input leakage current (1)
0.3
µA
(1)
Specified by design. Not production tested.
DATA FLASH MEMORY CHARACTERISTICS
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention (1)
10
Years
tDR
Flash programming write-cycles (1)
20,000
Cycles
tWORDPROG
Word programming time (1)
2
ms
ICCPROG
Flash-write supply current (1)
5
10
mA
(1)
Specified by design. Not production tested.
HDQ COMMUNICATION TIMING CHARACTERISTICS
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted).
Capacitance on GPIO is 10 pF unless otherwise specified
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(CYCH)
Cycle time, host to bq28z560-R1
190
μs
t(CYCD)
Cycle time, bq28z560-R1 to host
190
205
250
μs
t(HW1)
Host sends 1 to bq28z560-R1
0.5
50
μs
t(DW1)
bq28z560-R1 sends 1 to host
32
50
μs
t(HW0)
Host sends 0 to bq28z560-R1
86
145
μs
t(DW0)
bq28z560-R1 sends 0 to host
80
145
μs
Response time, bq28z560-R1 to
t(RSPS)
190
950
μs
host
t(B)
Break Time
190
μs
t(BR)
Break Recovery Time
40
μs
HDQ Line Rising Time to Logic 1
t(RISE)
950
ns
(1.2 V)
(1)
Parameters specified by worst-case test program execution in FAST mode.
Figure 4. HDQ Timing
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com