Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 27 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 27Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 28Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 29Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 30Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
MaxLoadTimeToEmpty(): 0x20/0x21
This read-only function returns an unsigned integer value of the predicted remaining battery life at the maximum
load current discharge rate, in minutes. A value of 65,535 indicates that the battery is not being discharged.
AvailableEnergy(): 0x22/0x23
This read-only function returns an unsigned integer value of the predicted charge or energy remaining in the
battery. The value is reported in units of mW (Design Energy Scale = 1) or cW (Design Energy Scale = 10).
AveragePower(): 0x24/0x25
This read-word function returns an unsigned integer value of the average power of the current discharge. It is
negative during discharge and positive during charge. A value of 0 indicates that the battery is not being
discharged. The value is reported in units of mW (Design Energy Scale = 1) or cW (Design Energy
Scale = 10).
TimeToEmptyAtConstantPower(): 0x26/0x27
This read-only function returns an unsigned integer value of the predicted remaining operating time if the battery
is discharged at the AveragePower() value in minutes. A value of 65,535 indicates AveragePower() = 0. The gas
gauge automatically updates TimeToEmptyatConstantPower() based on the AveragePower() value every 1 s.
Internal_Temp(): 0x28/0x29
This read-only function returns an unsigned integer value of the measured internal temperature of the device in
units of 0.1K measured by the gas gauge.
CycleCount(): 0x2a/0x2b
This read-only function returns an unsigned integer value of the number of cycles the battery has experienced
with a range of 0 to 65,535. One cycle occurs when accumulated discharge
≥ CC Threshold.
StateOfCharge(): 0x2c/0x2d
This read-only function returns an unsigned integer value of the predicted remaining battery capacity expressed
as a percentage of FullChargeCapacity(), with a range of 0 to 100%.
StateOfHealth(): 0x2e/0x2f
0x2E SOH percentage: This read-only function returns an unsigned integer value, expressed as a percentage of
the ratio of predicted FCC(25°C, SOH current rate) over the DesignCapacity(). The FCC(25°C, SOH current rate)
is the calculated full charge capacity at 25°C and the SOH current rate, which is specified in the data flash (State
of Health Load). The range of the returned SOH percentage is 0x00 to 0x64, indicating 0 to 100%,
correspondingly.
PassedCharge(): 0x34/0x35
This signed integer indicates the amount of charge passed through the sense resistor since the last Impedance
Track simulation in mAh.
DOD0(): 0x36/0x37
This unsigned integer indicates the depth of discharge during the most recent OCV reading.
SelfDischargeCurrent(): 0x38/0x39
This read-only command pair returns the signed integer value that estimates the battery self discharge current.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com