Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 28 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 27Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 28Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 29Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 30Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 31Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
EXTENDED DATA COMMANDS
Extended commands offer additional functionality beyond the standard set of commands. They are used in the
same manner; however, unlike standard commands, extended commands are not limited to 2-byte words. The
number of command bytes for a given extended command ranges in size from single to multiple bytes, as
specified in Table 8. For details on the SEALED and UNSEALED states, see ACCESS MODES.
Table 8. Extended Commands
SEALED
UNSEALED
NAME
COMMAND CODE
UNITS
ACCESS(1) (2)
ACCESS(1) (2)
Reserved
RSVD
0x38…0x39
N/A
R
R
PackConfig()
PCR
0x3A / 0x3B
HEX#
R
R
DesignCapacity()
DCAP
0x3C / 0x3D
mAh
R
R
DataFlashClass() (2)
DFCLS
0x3E
N/A
N/A
R/W
DataFlashBlock() (2)
DFBLK
0x3F
N/A
R/W
R/W
BlockData() / Authenticate()(3)
A/DF
0x40…0x53
N/A
R/W
R/W
BlockData() / AuthenticateCheckSum() (3)
ACKS/DFD
0x54
N/A
R/W
R/W
BlockData()
DFD
0x55…0x5F
N/A
R
R/W
BlockDataCheckSum()
DFDCKS
0x60
N/A
R/W
R/W
BlockDataControl()
DFDCNTL
0x61
N/A
N/A
R/W
Reserved
RSVD
0x62...0x69
N/A
R
R
BatAlertConfig()
BAC
0x6A/0x6B
N/A
R/W
R/W
BatAlertStatus()
BAS
0x6C/0x6D
N/A
R/W
R/W
Reserved
RSVD
0x6E...0x7F
N/A
R
R
(1)
SEALED and UNSEALED states are entered via commands to Control() 0x00/0x01.
(2)
In SEALED mode, data flash CANNOT be accessed through commands 0x3E and 0x3F.
(3)
The BlockData() command area shares functionality for accessing general data flash and for using Authentication. See
AUTHENTICATION for details.
PackConfig(): 0x3A/0x3B
SEALED and UNSEALED Access: This command returns the value stored in Pack Configuration, which is
expressed in hex value.
DesignCapacity(): 0x3C/0x3D
SEALED and UNSEALED Access: This command returns the value stored in Design Capacity, which is
expressed in mAh. This is intended to be the theoretical or nominal capacity of a new pack, but has no bearing
on the operation of the gas gauge functionality.
DataFlashClass(): 0x3E
This command sets the data flash class to be accessed. The class to be accessed should be entered in
hexadecimal.
SEALED Access: This command is not available in SEALED mode.
DataFlashBlock(): 0x3F
UNSEALED Access: This command sets the data flash block to be accessed. When 0x00 is written to
BlockDataControl(), DataFlashBlock() holds the block number of the data flash to be read or written. Example:
writing a 0x00 to DataFlashBlock() specifies access to the first 32-byte block, and a 0x01 specifies access to the
second 32-byte block, and so on.
Reading Device Name in UNSEALED Mode
To read the DeviceName in UNSEALED mode, set the BlockDataControl() (command 0x61) to a 1. This is
similar to how the manufacturer information block works. Since the Device Name is 20 bytes, the device name
will be followed by null bytes.
28
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com