Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2804 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2804
Description  1A Step-Down Constant Current, High Efficiency LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2804 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2804 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Block Diagram
2
Pin Configuration & Marking Information
Top View
SOT23 5
-
EE: Product Code
of PAM2804
X:
Internal Code
Y:
Year
W: Week
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2804
1A Step-Down Constant Current, High Efficiency LED Driver
Nam e
Func tion
VIN
Chip main power supply pin
GND
Ground
EN
Enable cont rol input. Force this pin voltage above 1. 5V, enables the chip, and below
0.3V shuts down the device.
FB
Feedbac k voltage to intern al error amplifier, the threshold voltage is 0.1V.
SW
The drains of t he int ernal main and s ynchronous p ower MOSFET.
1
2
3
5
4
EN
GND
SW
FB
VIN
Pin Description
EN
FB
+
-
IAMP
+
-
IRCMP
SW
GND
SYNCHRONOUS
RECTIFIER NCH
(
)
MAIN
SWITCH PCH
(
)
VIN
COMP
VIN
SHUTDOWN
OSC
RS LATCH
0.6VREF
FREQ
SHIFT
-
+
EA
S Q
R Q
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
SLOPE
COMP
1.5M
OSC
ANTI
SHOOT
THRU
-
-
10/2010 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com