Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2804 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM2804
Description  1A Step-Down Constant Current, High Efficiency LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2804 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM2804 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2804
1A Step-Down Constant Current, High Efficiency LED Driver
10/2010 Rev1.0
Application Information
For the condition where the step-down converter
is in dropout at 100% duty cycle, the total device
dis sipation reduces to:
Since R
, quiescent current, and switching
losses all vary with input voltage, the total losses
should be investigated over the complete input
voltage range. The maximum power dissipation
d e p e n d s o n t h e t h e r m a l r e si st a n c e o f I C
package, PCB layout, the rate of surrounding
airflow and temperature difference between
junction and ambient. The maximum power
dissipation can be calculated by the following
formula:
Where TJ(ma x) is the m aximu m allo wable
junction temperature 125°C.T
is the ambient
temperature and
is the thermal resistance
from the junction to the ambient. Based on the
standard JEDEC for a two layers thermal test
board, the thermal resistance
of SOT23-5
package is 250°C/W. The maximum power
dissipation at T
= 25°C can be calculated by
following formula:
P =(125°C-25°C)/250°C/W=0.4W
The in te rna l feedb ack(FB) voltage is 0.1 V
(Typical). The output current is ca lculated as
below:
ILED=0.1/Rs
The output Current is given by the following
table.
As the input voltage approaches the LED forward
voltage, the PAM2804 turns the P-chan nel
transistor continuously on. In this mode the
Voltage drop on LED is equal to the input voltage
minus the voltage drop across the P - channel
transistor, Inductor and current resistor:
V
= V –ILED (R
+ R + R )
where R
= P-channel switch ON resistance,
ILED = LED current, R = Inductor DC resistance,
R = Inductor DC resistance.
When the die temperature exceeds 150°C, a
reset occurs and the reset remains until the
temperature decrease to 120°C, at which time
the circuit can be restarted.
DS(ON)
A
JA
JA
A
D
LEDDROP
IN
dson
L
S
dson
L
S
θ
θ
Setting the Output Current
100% Duty Cycle Operation
Thermal Shutdown
2
D
O
DSON H
Q
IN
P =I R
+I V
J(MAX)
A
D
JA
T
-T
P =
θ
Rs(
Ω)
ILED(mA)
0.286
350
0.143
700
0.1
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com