Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2804 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM2804
Description  1A Step-Down Constant Current, High Efficiency LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2804 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM2804 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering Information
PAM 2804 X X X XXX
FB Voltage
Number of Pins
Package Type
Pin Configuration
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2804
1A Step-Down Constant Current, High Efficiency LED Driver
Pin Configuration
Package Type
Number of Pins
FB Voltage
A Type
1. EN
2. GND
3. SW
4. VIN
5. FB
A: SOT-23
B: 5
010: 0.1V
10/2010 Rev1.0
Part Number
Marking
Package Type
Standard Package
PAM2804AAB010
Refer to P2
SOT-23-5
3,000Units/Tape&Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com