Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2804 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM2804
Description  1A Step-Down Constant Current, High Efficiency LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2804 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM2804 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2804
1A Step-Down Constant Current, High Efficiency LED Driver
10/2010 Rev1.0
Application Information
PCB Layout Check List
When laying out the printed circuit board, the following checklist should be used to ensure proper operation of
the PAM2804. These items are also illustrated graphically in Figure 1. Check the following in your layout:
1.
The power traces, consisting of the GND trace, the SW trace and the VIN trace should be kept short, direct
and wide.
2.
Does the V
pin connect directly to the current sense resistor? The current sense resistor to GND trace
should be kept short, direct and wide.
3.
Does the (+) plate of CIN connect to VIN as closely as possible? This capacitor provides the AC current to
the internal power MOSFETs.
4.
Keep the switching node, SW, away from the sensitive VFB node.
5.
Keep the (–) plates of C and C
as close as possible.
FB
IN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com