Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2804 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2804
Description  1A Step-Down Constant Current, High Efficiency LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2804 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2804 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2804 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
Applications
General Description
n
n
n
n
n
n
n
n
n
n
n
Efficiency up to 93%
180 A(TYP.) Quiescent Current
Output Current: Up to 1A
Internal Synchronous Rectifier
1.5MHz Switching Frequency
Soft Start
Under-Voltage Lockout
Short LED Protection
Open LED Protection
Thermal Shutdown
5-pin Small SOT23-5 Packages
3AA or 4AA Batteries Powered Flashlight
1 Cell Li-Ion Battery Powered Flashlight
The PAM2804 is a step-down constant current
LED driver. When the input voltage down to lower
than LED forward voltage, then PAM2804 run into
LDO mode.
The PAM2804 supports a range of input voltages
from 2.5V to 6.0V, allowing the use of a single
Li+/Li-polymer cell, 3AA or 4AA cell, USB, and
other standard power sources.
The FB voltage is only 0.1V to achieve high
efficiency.
PAM2804 employ internal power switch and
synchronous rectifier to minimize external part
count and realize high efficiency.
During shutdown, the input is disconnected from
the output and the shutdown current is less than
1 A. Other key features include under-voltage
lockout to prevent deep battery discharge of the
Li+ battery.
.
μ
μ
n
n
n
Pb-Free Package
Typical Application
1
www.poweranalog.com
PAM2804
1A Step-Down Constant Current, High Efficiency LED Driver
10/2010 Rev1.0
,
Power Analog Microelectronics Inc
VIN
SW
GND
EN
L
4.7µH
Co
10µF
V
C
IN
IN
10µF
Rs
FB
WLED
1~5W
ILED =0.1/Rs
3AA or 4AA Batteries
1 Cell Li-Ion Battery


Similar Part No. - PAM2804

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
Rev 3
More results

Similar Description - PAM2804

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL8002 ETC2-XL8002 Datasheet
214Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
Rev 3
logo
XLSEMI
XL8002 XLSEMI-XL8002 Datasheet
272Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
SHOUDING Shouding Semic...
SD3314A SHOUDING-SD3314A Datasheet
441Kb / 8P
HIGH EFFICIENCY 1A STEP-DOWN CONSTANT CURRENT LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM9913 HMSEMI-HM9913 Datasheet
743Kb / 6P
100V Step-Down LED Constant Current Driver
HM4151 HMSEMI-HM4151 Datasheet
1Mb / 9P
55V step-down, high brightness LED constant current driver
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
step-down high-power LED constant current driver
HM9802 HMSEMI-HM9802 Datasheet
622Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
HM9922 HMSEMI-HM9922 Datasheet
494Kb / 7P
Switching step-down LED constant current driver
HM9911 HMSEMI-HM9911 Datasheet
281Kb / 8P
Switching step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com