Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3108 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM3108
Description  Maximum 1.5A, Ultra Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3108 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM3108 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Configuration & Marking Information
2
,
Power Analog Microelectronics Inc
www.poweranalog.com
Block Diagram
Top View
SOP-8(EP)
TOP VIEW
WDFN-10L 3x3
VOUT
VOUT
VOUT
ADJ
POK
1
2
3
4
5
CRTL
VIN
VIN
VIN
EN
10
9
8
7
6
P3108
XXXYW
(Exposed Pad)
GND
PAM3108
Maximum 1.5A, Ultra Low Dropout Regulator
GND
(Exposed Pad)
1
2
3
4
5
6
7
8
POK
EN
VIN
CTRL
NC
VOUT
ADJ
GND
X:
Internal Code
Y:
Year
W: Week
07/2011 Rev1.0
Driver
OCP
OTP
POR
0.8V
0.72V
VIN
EN
CRTL
GND
POK
ADJ
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com