Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3108 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM3108
Description  Maximum 1.5A, Ultra Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3108 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM3108 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3108
Maximum 1.5A, Ultra Low Dropout Regulator
07/2011 Rev1.0
2. Load Transient Response
Vctrl=5V,Vin=1.8V,Vo=1.2V,Io=0.1~1A
3 Line Transient Response
4. Line Transient Response
Vout
1. Load Transient Response
6. Start Up from CTRL
5. Start Up from VIN
Iout
Vctrl=5V,Vin=1.8V,Vo=1.2V,Io=0.1~1.5A
Iout
Vout
Vout
VIN
Vctrl=5V,Vin=2~3V,Vo=1.2V,Io=100mA
Vctrl
Vout
Vctrl=4~5V,Vin=2V,Vo=1.2V,Io=100mA
Vctrl=5V,Vin=2V,Vo=1.2V,Io=1.5A
VIN
VOUT
PGOOD
Vctrl
VOUT
PGOOD
Vctrl=5V,Vin=2V,Vo=1.2V,Io=1.5A
Typical Performance Characteristics
T =25
C =C =10 F, unless otherwise noted.
A
IN
O
μ
° ,
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com