Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3108 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3108
Description  Maximum 1.5A, Ultra Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3108 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3108 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
n
n
n
n
n
n
Maximum 1.5A Low-Dropout Voltage
Regulator
High Accuracy Output Voltage ±1.5%
Typically 150mV Dropout at 1.5A
Power Good Output
Output Voltage Pull Low Resistance when
Disable
RoHS Compliant and 100% Lead (Pb)-Free
n
n
n
n
Thermal and Over Current Protection
Front Side Bus VTT (1.2V/1.5A)
NoteBook PC Applications
Motherboard Applications
The PAM3108 is a high performance positive
voltage regulator designed for use in applications
requiring very low Input voltage and very low
dropout voltage at up to 1.5A. It operates with a VIN
as low as 1.1V and VDD voltage 3V with output
v o l t a g e p r o g r a m m a b l e a s l o w a s 0 . 8 V. T h e
significant feature includes ultra low dropout, ideal
for applications where VOUT is very close to VIN.
Ad ditionally, there is an enable pin to further reduce
power dissipation while shutdown. The PAM3108
provides excellent regulation over variations in line,
load and temperature. and provides a power OK
signal to indicate if the voltage level of Vo reaches
90% of its rating value.
The PAM3108 is available with SOP-8 (Exposed
Pad) and WDFN-10L 3x3 packages .
Applications
General Description
Typical Application
PAM3108
Maximum 1.5A, Ultra Low Dropout Regulator
1
www.poweranalog.com
07/2011 Rev1.0
,
Power Analog Microelectronics Inc
PAM3108
VI N
EN
C TR L
AD J
VOU T
10uF
10uF
100k
0
0
0
ON
OFF
VOU T
R 1
R 2
C 1
0
VIN
1uF
0
CTRL
V =0.8V*(1+R1/R2)
O


Similar Part No. - PAM3108

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3108

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
Ultra Low Dropout 1.5A Linear Regulator
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
1.5A Ultra Low Dropout Regulator
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
Ultra Low Dropout 1.5A Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
1.5A Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com