Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3108 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM3108
Description  Maximum 1.5A, Ultra Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3108 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM3108 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 10Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Capacitor Selection and Regulator Stability
Shutdown Input Operation
Input-Output ( Dropout ) Voltage
Current Limit and Short Circuit Protection
Thermal considerations
Similar to any low dropout regulator, the external
capacitors used with the PAM3108 must be
carefully selected for regulator stability and
performance.
A capacitor C
of more than 10µF can be
employed in the input pin, while there is no upper
limit for the capacitance of C . Please note that
the distance between C and the input pin of the
PAM3108 should not exceed 0.5 inch. Ceramic
c a p a c it o r s a r e s u i t a b l e f o r t h e PA M 3 1 0 8 .
Capacitors with larger values and lower ESR
(equivalent series resistance) provide better
PSRR and line-transient response.
The PAM3108 is designed specifically to work
with low ESR ceramic output capacitors in order
to save space and improve performance. Using
an output ceramic capacitor whose value is
>
µ
The PAM3108 is shut down by pulling the EN
input low, and is turned on by tying the EN input to
CTRL or leaving the EN input floating.
A regulator's m inimu m input-output voltage
difference (or dropout voltage) determines the
lowest usable supply voltage. The PAM3108 has
a typical 150mV dropout voltage.
The PAM3108 features a current limit, which
monitors and controls the gate voltage of the
pass transistor. The output current can be limited
to 3A by regulating the gate voltage. The
PAM3108 also has a built-in short circuit current
limit.
Thermal protection limits power dissipation in the
PA M 3 1 0 8 . W h e n t h e j u n c t i o n t e m p e r a t u r e
exceeds 170°C, the OTP (Over Temperature
Protection) starts the thermal shutdown and turns
the pass transistor off. The pass transistor
r e s u m e s
o p e r a t i o n
a f t e r
t h e
j u n c t i o n
temperature drops below 130°C.
F o r
c o n t i n u o u s o p e r a t i o n , t h e
j u n c t i o n
temperature should be maintained below 125°C.
The power dissipation is defined as:
P = (V -V
)*I +V *I
The maximum power dissipation depends on the
thermal resistance of IC package, PCB layout,
the rate of surrounding airflow and temperature
difference between junction and ambient. The
maximum power dissipation can be calculated
by the following formula:
Where T
is the maximum allowable junction
t e m p e r a t u r e 1 2 5 °C , T
i s t h e a m b i e n t
temperature and
is the thermal resistance
from the junction to the ambient.
IN
IN
IN
D
IN
OUT
O
IN
GND
J(MAX)
A
10 F with ESR>5m
Ω ensures stability.
P
= (T
-T )/θ
θ
D(MAX)
J(MAX)
A
JA
JA
Application Information
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3108
Maximum 1.5A, Ultra Low Dropout Regulator
07/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com