Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3108 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3108
Description  Maximum 1.5A, Ultra Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3108 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3108 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3108 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage VIN, CTRL..............................6.0V
Output
Current
1.5A
Output Pin Voltage
GND-0.3V to V +0.3V
Lead Soldering Temperature (5sec).......
260
Storage Temperature
65
to 150
ESD Rating
Class B
.........................................
............
....
.................-
............................................
IN
°
°
°
C
C
C
Recommended Operating Conditions
Max. Supply Voltage.....................................5.5V
Junction Temperature.................-40
to 125
°
°
C
C
Operation Temperature..................-40 C to 85 C
°
°
Thermal Information
Pin Descriptions
PAM3108
Maximum 1.5A, Ultra Low Dropout Regulator
Pin No.
SO P-8(EP)
WDFN 3x3
Pin Name
Pin Function
3
7, 8, 9
VIN
Supply Input Voltage.
2
6
EN
Chip Enable (Active-High).
4
10
CTRL
Supply Voltage of Control Circuitry.
1
5
POK
Power Good Open Drain Output.
7
4
ADJ
Set the output voltage by the feedback resistors.
VO =0.8V x (R1 + R2)/R2.
6
1, 2, 3
VOUT
Output Voltage.
5
--
NC
No Int ernal Connection.
8,
Exposed Pad (9)
Exposed Pad (11)
GN D
Ground. The exposed pad mus t be soldered to a large PCB and
connected to GND for maximum powe r dis sipation.
3
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2011 Rev1.0
Parameter
Symbo l
Package
Maximum
Unit
WDFN 3x3-10
60
SOP-8(EP)
90
WDFN 3x3-10
8.5
SOP-8(EP)
11
WDFN 3x3-10
1600
SOP-8(EP)
1100
mW
PD
Internal Power Dissipation(@TA=25°C)
Thermal Resis tance (Junction to Ambient)
θ
JA
°C/W
Thermal Resis tance (Junction to Case)
θJC
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com