Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3131 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3131
Description  3A Adjustable Low Voltage Low Dropout CMOS Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3131 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3131 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied. Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability. All voltages are with
respect to ground.
Input Voltage...............................................4.0V
Maximum Output Current......................P /(V -V )
D
IN
O
Output Pin Voltage.....................-0.3V to V +0.3V
Storage Temperature.................... -65
to 150
IN
Operation Temperature Range.........
Maximum Junction Temperature..................150
Operation Junction Temperature.....
Soldering Temperature......................300
, 5sec
°C
°C
-40°C to 85°C
°C
-40°C to 125°C
°C
Recommended Operating Conditions
Supply Voltage Range.......................1.4V to 3.6V
Junction Temperature Range......... -40
to 125
Operation Temperature Range.........-40
to 85
°C
°C
°C
°C
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
TO-263
7
Thermal Resistance
(Junction to Case)
θJC
PSOP-8
10
TO-263
35
Thermal Resistance
(Junction to Ambient)
θJA
PSOP-8
50
°C/W
TO-263
2800
Internal Power Dissipation
(@TA=25
°C)
PD
PSOP-8
2000
mW
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM3131
3A Adjustable Low Voltage
Low Dropout CMOS Regulator
10/2010 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com