Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3131 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM3131
Description  3A Adjustable Low Voltage Low Dropout CMOS Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3131 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM3131 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Ordering Information
PAM3131 X X X X
Number of Pins
Package Type
Pin Configuration
12
Pin Configuration
Package Type
Number of Pins
A Type
1. VIN
2. EN
3. GND
4. ADJ
5. VOUT
B Type
1. GND
2. VIN
3. EN
4. GND
5. PWRGD
6. ADJ
7. VOUT
8. GND
M: TO-263
E: PSOP
B: 5
C: 8
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM3131
3A Adjustable Low Voltage
Low Dropout CMOS Regulator
Packing
Part Number
Package Type
Standard Package
PAM3131AMBR
TO263-5L
800 Units/Tape&Reel
PAM3131BECR
PSOP-8
2,500 Units/Tape&Reel
10/2010 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com