Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3131 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM3131
Description  3A Adjustable Low Voltage Low Dropout CMOS Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3131 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM3131 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristic
O
V
V
C, C =4.7μF, C =2.2μF, unless otherwise noted.
IN
O
A
IN
O
=
+0.5V, T =25
5
Note1: The minimum input voltage (
) of the PAM3131 is determined by output voltage and dropout
voltage. The minimum input voltage is defined as:
V
=V +V
IN(MIN)
O
drop
Note 2: Output current is limited by P , maximum I =P /(V
-V ).
D
O
D
IN(MAX)
O
V
IN(MIN)
Parameters
Symbol
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
Note 1
3.6
V
ADJ Reference Voltage
Vref
Io=100mA
0.882
0.9
0.918
V
Vo=0.9V
330
500
Vo=1.0V
220
400
2.5V>Vo³
1.2V
50
200
IO=500mA
Vo³
2.5V
40
150
Vo=0.9V
500
Vo=1.0V
400
2.5V>Vo³
1.2V
350
Dropout Voltage
VDROP
IO=3.0A
Vo³
2.5V
300
mV
Short Circuit Current
ISC
Vo < 0.3V
1.0
A
Output Current
IO
3.0
Note 2
A
Quiescent Current
IQ
Io=0mA
90
150
µA
Ground Pin Current
IGND
Io=1mA to 3.0A
1.0
mA
Vo£
2.5V,Io=10mA
VIN =Vo+0.5V to Vo+1.5V
Line Regulation
LNR
Vo>2.5V,Io=10mA
VIN =3.3V to 3.6V
0.2
1.0
%/V
Load Regulation
LDR
Io=1mA to 3.0A,VIN=Vo+0.5V
0.5
2
%/A
Over Temperature
Shutdown
OTS
150
°C
Over Temperature
Hysteresis
OTH
50
°C
Temperature Coefficient
TC
40
ppm/°C
f=100Hz
64
Power Supply Ripple
Rejection
PSRR
Io=100mA, Vo=1.5V
f=1kHz
58
dB
Output Noise
Vn
f=10Hz to 100kHz
40
µVrms
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM3131
3A Adjustable Low Voltage
Low Dropout CMOS Regulator
10/2010 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com