Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3131 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3131
Description  3A Adjustable Low Voltage Low Dropout CMOS Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3131 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3131 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Key Features
Description
Low-Dropout Regulator Supports Input
The PAM3131 is a 3A CMOS adjustable LDO
Voltages Down to 1.4V
regulator that features a low quiescent current,
Low Dropout Voltage: 300mV@ 3A
ultra low input, output, and dropout voltages, as
Output Voltage Adjustable from 0.9V-3.3V
well as over temperature protection. It is available
Stable with a Ceramic Output Capacitor
in TO-263 and PSOP-8 (Exposed Pad) packages.
of 1.0μF or Higher
The output voltage is adjustable from 0.9V to
Low Quiescent Current
3.3V. The PAM3131 is stable with a ceramic
Current Limit
output capacitor of 1.0μF or higher.
Over Temperature Shutdown
Short Circuit Current Protection
This family of regulators can provide either a
Low Temperature Coefficient
stand-alone power supply solution or act as a post
Standard TO-263 and PSOP-8 (Exposed
regulator for switch mode power supplies. They
Pad) Packages
are particularly well suited for applications
requiring low input and output voltages.
Applications
n
DSP, FPGA, and Microprocessor Power
Supplies
n
1.2V Core Voltage for DSPs
n
SATA Power Supply
n
LCD TV/ Monitors
n
Wireless Devices
n
Communication Devices
n
Portable Electronics
n
Post Regulator for SMPS
n
n
n
n
n
n
n
n
n
n
n
Pb-Free Package
Typical Application
PAM3131
3A Adjustable Low Voltage
Low Dropout CMOS Regulator
1
www.poweranalog.com
10/2010 Rev1.1
Power Analog Microelectronics, Inc
VIN
C1
4.7μF
C2
2.2μF
VOUT
VIN
VOUT
GND
EN
ADJ
PAM3131
PWRGD
R 10kΩ
P
R1
R2
VIN
C1
4.7μF
C2
2.2μF
VOUT
VIN
VOUT
GND
EN
ADJ
PAM3131
R1
R2


Similar Part No. - PAM3131

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3130 PAM-PAM3130 Datasheet
460Kb / 18P
3A Low Voltage-Low Dropout CMOS Regulator
PAM3130AFA090 PAM-PAM3130AFA090 Datasheet
460Kb / 18P
3A Low Voltage-Low Dropout CMOS Regulator
PAM3130AFA100 PAM-PAM3130AFA100 Datasheet
460Kb / 18P
3A Low Voltage-Low Dropout CMOS Regulator
PAM3130AFA120 PAM-PAM3130AFA120 Datasheet
460Kb / 18P
3A Low Voltage-Low Dropout CMOS Regulator
PAM3130AFA150 PAM-PAM3130AFA150 Datasheet
460Kb / 18P
3A Low Voltage-Low Dropout CMOS Regulator
More results

Similar Description - PAM3131

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
3A Low-Voltage Low-Dropout Regulator
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
3A Low Dropout Positive Adjustable Regulator
24-May-02
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
3A Adjustable Low-Dropout Linear Regulator
logo
Power Analog Micoelectr...
PAM3130 PAM-PAM3130 Datasheet
460Kb / 18P
3A Low Voltage-Low Dropout CMOS Regulator
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
3A Low Dropout Positive Adjustable Regulator
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com