Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3131 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM3131
Description  3A Adjustable Low Voltage Low Dropout CMOS Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3131 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM3131 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3131 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Information
11
T h e PA M 3 1 3 1 f a m i l y o f l o w - d r o p o u t ( L D O )
increasing R1+R2 will reduce stability. In
regulators have several features that allow them to
general, R1 and R2 in the 10’s of kΩ will produce
apply to a wide range of applications. The family
adequate stability, given reasonable layout
operates with very low input voltage (1.4V) and low
p r e c a u t i o n s .
T o
i m p r o v e
s t a b i l i t y
dropout voltage (typically 300mV at full load),
characteristics, keep parasitics on the ADJ pin
making it an efficient stand-alone power supply or
to a minimum, and lower R1 and R2 values.
post regulator for battery or switch mode power
supplies. The 3A output current make the PAM3131
Thermal Information
family suitable for powering many microprocessors
and FPGA supplies. The PAM3131 family also has
The amount of heat that an LDO linear regulator
low output noise (typically 40µVRMS with 2.2µF
generates is: P =(V -V )I .
D
IN
O
O
output capacitor), making it ideal for use in telecom
equipment.
A l l i n t e g r a t e d c i r c u i t s h a v e a m a x i m u m
allowable junction temperature (T max) above
J
External Capacitor Requirements
which normal operation is not assured. A system
d e s i g n e r
m u s t
d e s i g n
t h e
o p e r a t i n g
A 2.2µF or larger ceramic input bypass capacitor,
environment so that the operating junction
connected between V and GND and located close
IN
temperature (T ) does not exceed the maximum
J
to the PAM3131, is required for stability. A 1.0μF
junction temperature (T max). The two main
J
minimum value capacitor from V to GND is also
O
environmental variables that a designer can use
required. To improve transient response, noise
to improve thermal performance are air flow and
rejection, and ripple rejection, an additional 10µF
e x t e r n a l h e a t s i n k s . T h e p u r p o s e o f t h i s
or larger, low ESR capacitor is recommended at the
information is to aid the designer in determining
output. A higher value, low ESR output capacitor
the proper operating environment for a linear
may be necessary if large, fast-rise-time load
regulator that is operating at a specific power
transients are anticipated and the device is located
level.
several inches from the power source, especially if
the minimum input voltage of 1.4V is used.
In general, the maximum expected power
(P (max)) consumed by a linear regulator is
D
Regulator Protection
computed as:
The PAM3131 features internal current limiting,
(1)
thermal protection and short circuit protection.
Where:
During normal operation, the PAM3131 limits
l
V
is the average input voltage.
I (avg)
output current to about 4.5A. When current limiting
l
V
is the average output voltage.
O(avg)
engages, the output voltage scales back linearly
l
I
is the average output current.
O(avg)
until the over current condition ends. While current
l
I
is the quiescent current.
(Q)
limiting is designed to prevent gross device failure,
care should be taken not to exceed the power
For most LDO regulators, the quiescent current
d i s s i p a t i o n r a t i n g s o f t h e p a c k a g e . I f t h e
is insignificant compared to the average output
temperature of the device exceeds 150°C, thermal-
current; therefore, the term V
xI
can be
I(avg)
(Q)
protection circuitry will shut down. Once the device
neglected. The operating junction temperature
has cooled down to approximately 50°C below the
is computed by adding the ambient temperature
high temp trip point, regulator operation resumes.
(T ) and the increase in temperature due to the
A
The short circuit current of the PAM3131 is about
regulator' s power dissipation. The temperature
1A when its output pin is shorted to ground.
rise is computed by multiplying the maximum
expected power dissipation by the sum of the
Output Adjustment
thermal resistances between the junction and
the case (R
), the case to heatsink (R
), and
θJC
θCS
The PAM3131 uses external feedback resistors to
t h e h e a t s i n k t o a m b i e n t ( R
) . T h e r m a l
generate an output voltage from 0.9V to 3.3V. V
is
θ S A
adj
resistances are measures of how effectively an
trimmed to 0.9V and V
is given by the equation:
OUT
object dissipates heat. Typically, the larger the
V
= V
( 1 + R1 / R2 )
OUT
adj
device, the more surface area available for
power dissipation so that the object 's thermal
Feedback resistors R1 and R2 should be high
resistance will be lower.
e n o u g h to ke e p q u i e sce n t cu rre n t l o w, b u t
(
)(
)
(
)
(
)(
)
(
)
D
I avg
O avg
O avg
I avg
Q
P max= V
-V
×I
+V
×I
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM3131
3A Adjustable Low Voltage
Low Dropout CMOS Regulator
10/2010 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com