Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8620 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8620
Description  15W Stereo Class-D Audio Power Amplifier with Power Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8620 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8620 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pin Configuration & Marking Information
3
Power Analog Microelectronics, Inc
Top View
QFN5x5-32L
XXX: Internal Code
Y: Year
WW: Week
LL: Internal Code
www.poweranalog.com
1
2
3
4
5
6
7
8
RINN
RINP
AVDD
NC
NC
LINP
LINN
11
12
13
14
15
16
17
18
PL
NC
VCLAMP
19
20
21
22
23
24
25
26
27
28
29
AVCC
V2P5
AGND
SD
30
31
32
9
10
PAM8620
XXXYWWLL
MUTE
NC
PAM8620
15W Stereo Class-D Audio Power Amplifier with Power Limit
10/2012 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com