Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8620 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8620
Description  15W Stereo Class-D Audio Power Amplifier with Power Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8620 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8620 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Typical Application
Key Features
General Description
The PAM8620 is a 15W (per channel) stereo
15Wx2 into a 8Ω speaker
class-D audio amplifier which offers low THD+N
Low Noise: -90dB
(0.2%), low EMI, and good PSRR thus high-
Over 90% Efficiency
quality sound reproduction.
With Shutdown/Mute Function
Over Current ,OVP,UVLO,Thermal and Short-
The PAM8620 runs off of a 8V to 26V supply at
Circuit Protection
much higher efficiency than competitors’ Ics.
Low THD+N
n
Power Limit with Non-clip
Low Quiescent Current
The PAM8620 only requires very few external
Pop noise suppression
components, significantly saving cost and board
Small Package Outlines: QFN5x5-32L
space.
The PAM8620 is available in a QFN5x5-32L
package.
Applications
n
Flat monitor /LCD TVS
n
Multi-media speaker System
n
DVD players, game machines
n
Boom Box
n
Music instruments
n
n
n
n
n
n
n
n
n
n
Pb-Free Package (RoHS Compliant)
PAM8620
15W Stereo Class-D Audio Power Amplifier with Power Limit
1
Power Analog Microelectronics, Inc
www.poweranalog.com
10/2012 Rev1.0
RINN
RINP
LINP
LINN
PL
VCLAMP
AVCC
V2P5
AGND
SD
1μF
RINP
1μF
1μF
LINP
1μF
10μF
10μF
MUTE
VCC
GND
SHUTDOWN
1μF
GND
GND
1μF
10μF
1μF
1μF
1μF
10μF
PAM8620
GND
1μF
10μF
1uF
MUTE
AVDD
1μF
RINN
1μF
LINN
1μF
1μF
1μF


Similar Part No. - PAM8620

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
PAM8620TR DIODES-PAM8620TR Datasheet
309Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
More results

Similar Description - PAM8620

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com