Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8620 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8620
Description  15W Stereo Class-D Audio Power Amplifier with Power Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8620 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8620 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin No.
Name
Function
1,8,17,24
NC
No Connected
2
RINN
Negative differential audio input for right channel
3
RINP
Positive differential audio input for right channel
4
MUTE
A logic high on this pin disables the outputs and a logic low enables the
outputs.
5
AVDD
5V Analog Supply
6
LINP
Positive differential audio input for left channel
7
LINN
Negative differential audio input for left channel
9,16
PGNDL
Power ground for left channel H-bridge
10,15
PVCCL
Power supply for left channel H-bridge, not connected to PVCCR or AVCC.
11
LOUTN
Class-D 1/2-H-bridge negative output for left channel
12
BSLN
Bootstrap I/O for left channel, negative high-side FET
13
BSLP
Bootstrap I/O for left channel, positive high-side FET
14
LOUTP
Class-D 1/2-H-bridge positive output for left channel
18
PL
Reference voltage for power lim it function
19
V2P5
2.5V Reference for analog cells
20
AGND
Analog Ground
21
VCLAMP
Internally generated voltage supply for bootstrap capacitors.
22
AVCC
High-voltage analog power supply (8V to 26V)
23
SD
Shutdown signal for IC (low= shutdown, high =operational). TTL logic levels
with compliance to VCC.
25,32
PGNDR
Power ground for right channel H-bridge
26,31
PVCCR
Power supply for right channel H-bridge, not connected to PVCCL or
AVCC.
27
ROUTP
Class-D 1/2-H-bridge positive output for right channel
28
BSRP
Bootstrap I/O for right channel, positive high-side FET
29
BSRN
Bootstrap I/O for right channel, negative high-side FET
30
ROUTN
Class-D 1/2-H-bridge negative output for right channel
33
Thermal Pad
Connect to ground. Thermal pad should be soldered down on all
applications to secure the device properly to the printed wiring board.
Pin Descriptions
4
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM8620
15W Stereo Class-D Audio Power Amplifier with Power Limit
10/2012 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com