Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8620 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM8620
Description  15W Stereo Class-D Audio Power Amplifier with Power Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8620 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM8620 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Audio Precision
10/21/11 16:19:03
PSRR-8620.at2
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Anlr.Crosstalk
Left
3
1
Blue
Solid
2
Anlr.Crosstalk
Left
-80
+0
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
Hz
T
T T
Typical Performance Characteristics
9
Power Analog Microelectronics, Inc
www.poweranalog.com
VCC=24V,R =8Ω, Gv=32dB,Τ =25°C, unless otherwise noted.
L
Α
PAM8620
15W Stereo Class-D Audio Power Amplifier with Power Limit
7. PSRR
8. Noise Floor
VCC=12V
VCC=24V
- 120
+ 0
- 110
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
d
B
r
A
20
20 k
50
100
200
500
1 k
2 k
5 k
10 k
Hz
10/2012 Rev1.0
9. Efficiency vs Output Power (VCC=12V)
11. PL Voltage vs Output Power
10. Efficiency vs Output Power (VCC=24V)
12. Quiescent Current vs Supply Voltage
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
Output Power(mW )
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
6
11
16
21
26
31
Supply Voltage(V)
0
10
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
O utput Power(W )
0
5
10
15
20
25
0.4
0.6
0.8
1
1.2
1.4
1.6
PL Volatage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com