Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8620 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8620
Description  15W Stereo Class-D Audio Power Amplifier with Power Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8620 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8620 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
-120
+ 0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1 k
2 k
5 k
10 k
Hz
T
+ 10
+ 40
+ 12
+ 14
+ 16
+ 18
+ 20
+ 22
+ 24
+ 26
+ 28
+ 30
+ 32
+ 34
+ 36
+ 38
d
B
g
A
20
20 k
50
100
200
500
1 k
2 k
5 k
10 k
Hz
Audio Precision
11/11/11 15:03:04
THD plus N vs Freqency8620.at2c
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Anlr.THD+N Ratio
Left
2
1
Magenta
Solid
2
Anlr.THD+N Ratio
Left
3
1
Blue
Solid
2
Anlr.THD+N Ratio
Left
0.06
10
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Audio Precision
11/11/11 15:00:44
THD plus N vs Freqency8620.at2c
Color
Sweep
Trace
LineStyle Thick Data
Axis
Comment
1
1
Red
Solid
2
Anlr.THD+N Ratio
Left
2
1
Magenta
Solid
2
Anlr.THD+N Ratio
Left
3
1
Blue
Solid
2
Anlr.THD+N Ratio
Left
0.06
10
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Audio Precision
11/11/11 14:46:35
THD+N Vs PO8620.at2c
Color
Sweep Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Anlr.THD+N Ratio
Left
2
1
Magenta
Solid
2
Anlr.THD+N Ratio
Left
1k
3
1
Blue
Solid
2
Anlr.THD+N Ratio
Left
10k
0.1
20
0.2
0.5
1
2
5
10
%
1m
20
2m
5m 10m 20m
50m 100m
500m 1
2
5
10
W
Typical Performance Characteristics
8
Power Analog Microelectronics, Inc
www.poweranalog.com
1. THD
vs Power (VCC=12V)
+N
3. THD+N vs Frequency (VCC=12V)
2. THD+N vs Power (VCC=24V)
4. THD+N vs Frequency (VCC=24V)
PAM8620
15W Stereo Class-D Audio Power Amplifier with Power Limit
f=10kHz
f=1kHz
f=100Hz
10/2012 Rev1.0
Po=3W
Po=5W
Po=1W
Po=3W
Po=10W
Po=5W
5. Frequency Response
6. Crosstalk
Cin=0.1uF
Cin=0.47uF
Cin=1uF
Cin=2.2uF
R to L
L to R
AudioPrecision
10/27/1113:31:35
THD+NVsPO8620.at2c
Color
Sweep Trace
LineStyle Thick Data
Axis Comment
8
1
M
agenta Solid
4
Anlr.THD+NRatio Left 150k
8
2
M
agenta Solid
4
Anlr.LevelA
Right 150k
100u
80
1m
10m
100m
1
10
W
0.1
20
0.2
0.5
1
2
5
10
%
200m
2
400m
600m
800m
1
1.2
1.4
1.6
1.8
Vrm
s
VCC=24V,R =8Ω, Gv=32dB,Τ =25°C, unless otherwise noted.
L
Α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com